Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL3115A2 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MPL3115A2
Description  I2C Precision Altimeter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL3115A2 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MPL3115A2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
MPL3115A2
Sensors
28
Freescale Semiconductor, Inc.
7.7
Sensor Data
7.7.1
PT_DATA_CFG (0x13)
The PT_DATA_CFG register configures the Pressure data, Temperature data and event flag generator.
Table 36. INT_SOURCE Bit Descriptions
Name
Description
SRC_DRDY
Data ready interrupt status bit. Logic ‘1’ indicates that Pressure/Altitude or Temperature data ready interrupt is active
indicating the presence of new data and/or a data overwrite, otherwise it is a logic ‘0’.
This bit is asserted when the PTOW and/or PTDR is set and the functional block interrupt has been enabled.
This bit is cleared by reading the STATUS and Pressure/Temperature register.
SRC_FIFO
FIFO interrupt status bit. Logic ‘1’ indicates that a FIFO interrupt event such as an overflow event has occurred. Logic
‘0’ indicates that no FIFO interrupt event has occurred.
This bit is cleared by reading the F_STATUS register.
FIFO interrupt event generators: FIFO Overflow, or (Watermark: F_CNT = F_WMRK).
SRC_PW
Altitude/Pressure alerter status bit near or equal to target Pressure/Altitude (near is within target value ± window value).
Window value needs to be non zero for interrupt to trigger.
SRC_TW
Temperature alerter status bit near or equal to target temperature (near is within target value ± window value.) Window
value needs to be non zero for interrupt to trigger.
SRC_PTH
Altitude/Pressure threshold interrupt. With the window set to a non zero value, the trigger will occur on crossing any of
the thresholds: upper, center or lower. If the window is set to 0, it will only trigger on crossing the center threshold.
SRC_TTH
Temperature threshold interrupt. With the window set to a non zero value, the trigger will occur on crossing any of the
thresholds: upper, center or lower. If the window is set to 0, it will only trigger on crossing the center threshold.
SRC_PCHG
Delta P interrupt status bit.
SRC_TCHG
Delta T interrupt status bit
Table 37. PT_DATA_CFG Register
7
6
5
43
210
R0
0
0
0
0
DREM
PDEFE
TDEFE
W
Reset
0
0
0
00
000
Table 38. PT_DATA_CFG Bit Descriptions
Name
Description
DREM
Data ready event mode. If the DREM bit is set logic ‘1’ and one or more of the data ready event flags (PDEFE, TDEFE) are
enabled, then an event flag will be raised upon change in state of the data. If the DREM bit is cleared logic ‘0’ and one or
more of the data ready event flags are enabled, then an event flag will be raised whenever the system acquires a new set
of data.
Default value: 0.
0: Event detection disabled
1: Generate data ready event flag on new Pressure/Altitude or Temperature data
PDEFE
Data event flag enable on new Pressure/Altitude data.
Default value: 0
0: Event detection disabled
1: Raise event flag on new Pressure/Altitude data
TDEFE
Data event flag enable on new Temperature data. Default value: 0
0: Event detection disabled
1: Raise event flag on new Temperature data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com