Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL3115A2 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPL3115A2
Description  I2C Precision Altimeter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL3115A2 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPL3115A2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
MPL3115A2
Sensors
6
Freescale Semiconductor, Inc.
3
Electrical Characteristics
Table 3. Electrical Characteristics @ VDD = 2.5V, T = 25°C unless otherwise noted.
Ref
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
1VDDIO
I/O Supply Voltage
1.62
1.8
3.6
V
2VDD
Operating Supply Voltage
1.95
2.5
3.6
V
3
IDD
Integrated Current 1 update per second
Highest Speed Mode
Oversample = 1
8.5
µA
4
Standard Mode
Oversample = 16
40
5
High Resolution Mode
Oversample = 128
265
6IDDMAX
Max Current during Acquisition and
Conversion
During Acquisition
2
mA
7IDDSTBY Supply Current Drain in STANDBY Mode
STANDBY Mode selected
SBYB = 0
2µA
8VIH
Digital High Level Input Voltage
SCL, SDA
0.75
VDDIO
9VIL
Digital Low Level Input Voltage
SCL, SDA
0.3
VDDIO
10
VOH
High Level Output Voltage
INT1, INT2
IO = 500 µA
0.9
VDDIO
11
VOL
Low Level Output Voltage
INT1, INT2
IO = 500 µA
0.1
VDDIO
12
VOLS
Low Level Output Voltage
SDA
IO = 500 µA
0.1
VDDIO
14
TON
Turn-on time(1)
1.
Time to obtain valid data from “STANDBY” mode to “ACTIVE” mode.
Highest Speed Mode(2)
2.
High Speed mode is achieved by setting the oversample rate of 1x.
60
ms
Highest Resolution Mode(3)
3.
High Resolution mode is achieved by setting the oversample to 128x.
1000
16
TOP
Operating Temperature Range
-40
25
+85
°C
I2C Addressing
MPL3115A2 uses 7-bit addressing and does not acknowledge general call address 000 0000. Slave address has been set to 0x60 or 110 0000.
8-bit read is 0xC1, 8-bit write is 0xC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com