Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL3115A2 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MPL3115A2
Description  I2C Precision Altimeter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL3115A2 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MPL3115A2 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
MPL3115A2
Sensors
34
Freescale Semiconductor, Inc.
7.17.3 CTRL_REG3 (Interrupt CTRL Register) (0x28)
7.17.4 CTRL_REG4 [Interrupt Enable Register] (0x29)
The corresponding functional block interrupt enable bit allows the functional block to route its event detection flags to the sys-
tem’s interrupt controller. The interrupt controller routes the enabled functional block interrupt to the INT1 or INT2 pin.
Table 62. CTRL_REG3 Register
7
6
5
43
210
R0
IPOL1
PP_OD1
0
IPOL2
PP_OD2
W
Reset
0
0
0
00
000
Table 63. CTRL_REG3 Description
Name
Description
IPOL1
The IPOL bit selects the polarity of the interrupt signal. When IPOL is ‘0’ (default value) any interrupt event will signalled
with a logical ‘0'. Interrupt Polarity active high, or active low on interrupt pad INT1.
Default value: 0
0: Active low
1: Active high
PP_OD1
This bit configures the interrupt pin to Push-Pull or in Open Drain mode. The default value is 0 which corresponds to
Push-Pull mode. The open drain configuration can be used for connecting multiple interrupt signals on the same interrupt
line. Push-Pull/Open Drain selection on interrupt pad INT1.
Default value: 0
0: Internal Pullup
1: Open drain
IPOL2
Interrupt Polarity active high, or active low on interrupt pad INT2.
Default value: 0
0: Active low
1: Active high
PP_OD2
Push-Pull/Open Drain selection on interrupt pad INT2.
Default value: 0
0: Internal Pull-up
1: Open drain
Table 64. CTRL_REG4 Register
7
6
5
4
3
2
1
0
R
INT_EN_DRDY
INT_EN _FIFO
INT_EN_PW INT_EN_TW INT_EN_PTH INT_EN_TTH INT_EN_PCHG INT_EN_TCHG
W
Reset
0
0
0
0
0
0
0
0
Table 65. Interrupt Enable Register Description
Interrupt Enable
Description
INT_EN_DRDY
Interrupt Enable.
Default value: 0
0: Data Ready interrupt disabled
1: Data Ready interrupt enabled
INT_EN_FIFO
Interrupt Enable.
Default value: 0
0: FIFO interrupt disabled
1: FIFO interrupt enabled
INT_EN_PW
Interrupt Enable.
Default value: 0
0: Pressure window interrupt disabled
1: Pressure window interrupt enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com