Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL3115A2 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPL3115A2
Description  I2C Precision Altimeter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL3115A2 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPL3115A2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
MPL3115A2
Sensors
Freescale Semiconductor, Inc.
15
5.4
Power Modes of Operation
Figure 7. Mode Transition Diagram
5.4.1
Off
Unit is powered down and has no operating functionality. VDD and VDDIO are not powered.
5.4.2
STANDBY
The digital sections are operational and the unit is capable of receiving commands and delivering stored data. The analog
sections are off. The part is waiting for CTRL_REG1 to be configured and the part to enter active mode.
5.4.3
ACTIVE
Both analog and digital sections are running. The unit is capable of gathering new data, and accepting commands.
MPL3115A2 is fully functional.
6
Functionality
The device is a low-power, high accuracy digital output altimeter, barometer and thermometer, packaged in a 3 x 5 x 1.1 mm
form factor. The complete device includes a sensing element, analog and digital signal processing and an I2C interface.
The device has two operational modes, barometer and altimeter. Both modes include a thermometer temperature output func-
tion.
Power consumption and sensitivity are programmable where the data oversampling ratio can be set to balance current con-
sumption and noise/resolution. Serial Interface Communications is through an I2C interface thus making the device particularly
suitable for direct interfacing with a microcontroller. The device features two independently programmable interrupt signals INT1
and INT2. These can be set to generate an interrupt signal when a new set of Pressure/Altitude and Temperature data is avail-
able, thereby simplifying data acquisition for the host controller. These interrupt pins can also be configured to generate interrupts
when a user programmed set of conditions are met (See section 6.6). Examples are: Interrupt can be triggered when a single
new data acquisition is ready, when a desired number of samples are stored within the internal FIFO or when a change of Pres-
sure/Altitude or Temperature is detected.
In RAW mode, the FIFO must be disabled and all other functionality: Alarms, Deltas and other interrupts are disabled.
Table 7. Mode of Operation Description
Mode
I2C Bus State
VDD
Function Description
OFF
Powered Down
< 1.62V
< VDD + 0.3V
Device is powered off.
STANDBY
I2C Communication with device is possible
ON
SBYB bit of CTRL_REG1 is
cleared
Only POR and digital blocks are enabled.
Analog subsystem is disabled.
ACTIVE
I2C Communication with device is possible
ON
SBYB bit of CTRL_REG1 is
set
All blocks are enabled (POR, digital, analog).
SLEEP
WAKE
STANDBY
OFF
ACTIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com