Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL3115A2 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MPL3115A2
Description  I2C Precision Altimeter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL3115A2 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MPL3115A2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
MPL3115A2
Sensors
Freescale Semiconductor, Inc.
17
6.6.3
Reach Target Threshold Temperature (SRC_TTH)
Interrupt flag is set on reaching the value stored in the Temperature target register. Additionally a window value provides ability
to signal when the target is nearing from either above or below the value in the Temperature target register.
Note: When the window value is set to 0 then the interrupt will only be generated when reaching or crossing the target value.
6.6.4
Reach Window Target Temperature (SRC_TW)
The interrupt flag is set when the temperature value is within the window defined by the following formula:
Note: No interrupt is generated if the T_WND value is set to 0.
6.6.5
Pressure/Altitude Change (SRC_PCHG)
Interrupt flag is set if sequential Pressure/Altitude acquisitions exceed value stored in Pressure/Altitude window value register.
6.6.6
Temperature Change (SRC_TCHG)
Interrupt flag is set if sequential Temperature acquisitions exceed the value stored in Pressure/Altitude window value register.
6.6.7
Data Ready
Interrupt flag is set when new data or a data overwrite event has occurred. PTOW and/or PTDR (DR_STATUS register) must
be set for an interrupt to be generated.
6.6.8
FIFO Event
Interrupt flag is set when either an overflow or watermark event has occurred. For more information please see section 7.3.
6.7
Pressure/Altitude and Temperature Delta
Registers show the differences from the last Pressure/Altitude and Temperature samples.
6.8
Min/Max Data Value Storage
Registers record the minimum and maximum Pressure/Altitude and Temperature.
6.9
Digital Interface
The registers embedded inside the device are accessed through an I2C serial interface.
There are two signals associated with the I2C bus: the Serial Clock Line (SCL) and the Serial Data line (SDA). The latter is a
bidirectional line used for sending and receiving the data to/from the interface. External pull-up resistors connected to VDD are
expected for SDA and SCL. When the bus is free both the lines are high. The I2C interface is compliant with fast mode (400 kHz),
and normal mode (100 kHz) I2C standards
6.9.1
I2C Operation
The transaction on the bus is started through a start condition (START) signal. START condition is defined as a HIGH to LOW
transition on the data line while the SCL line is held HIGH. After START has been transmitted by the master, the bus is considered
busy. The next byte of data transmitted after START contains the slave address in the first 7 bits, and the eighth bit tells whether
the master is receiving data from the slave or transmitting data to the slave. When an address is sent, each device in the system
compares the first seven bits after a start condition with its address. If they match, the device considers itself addressed by the
master. The ninth clock pulse, following the slave address byte (and each subsequent byte) is the acknowledge (ACK). The trans-
mitter must release the SDA line during the ACK period. The receiver must then pull the data line low so that it remains stable
low during the high period of the acknowledge clock period.
Table 8. Serial Interface Pin Descriptions
Name
Description
SCL
I2C Serial Clock
SDA
I2C Serial Data
Window
T_TGT
T_WND
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com