Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL3115A2 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # MPL3115A2
Description  I2C Precision Altimeter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL3115A2 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button MPL3115A2 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 44Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
MPL3115A2
Sensors
43
Freescale Semiconductor, Inc.
Table 74. Revision History
Revision
number
Revision
date
Description of changes
0
06/2011
• Initial Release
1
12/2011
• Added bullet and new row under Ordering Information on pg 1.
• Global change to register names 0x16, 0x17, 0x18, 0x19, 0x1A; changed ARM to TGT.
• Global change to bit names in registers 0x12 and 0x2A.
• Section 2.1, Table 1, changed Min and Max values for Pressure Absolute Accuracy.
• Table 3 changed units to ns for SDA Data Hold Time
• Added Figure 4. I2C Bus Transmission Signals
• Section 4.3: added equation
• Section 5: Added new paragraph. Added new equations in 5.6.1 and 5.6.2.
• Section 6: Added footnote to Table 11, changed TOW description in Table 12, updated paragraphs
of Sections 6.1.3 and 6.1.4, Table 57 added sentence in RAW description column, Table 58 added
column for Fastest OST Data Output I2C, updated Figure 5 and Figure 6.
2
04/2012
• Section 2.1, Table 2, changed from: -10°C, to: over -10°C for Pressure Absolute Accuracy
parameter, changed parameter name from: Pressure Resolution, to: Pressure/Altitude
Resolution, changed Test Conditions name from: Barometric Measurement Mode, to: Barometer
Mode and from: Altimeter Measurement Mode, to: Altimeter Mode, added to Table 2, Footnote 1:
over 50kPa to 110 kPa, added new Footnote 2: Oversample (OSR) modes internally combine and
average samples to reduce noise.
• Table 3: removed footnote reference on Table 3 table heading to Footnote 1, added Footnote 2
reference to Highest Speed Mode test condition, added Footnote 3 reference to Highest
Resolution Mode test condition,
• Table 4: deleted row 8: SDA Valid Time, row 9: SDA Valid Acknowledge Time and Footnote 5.
tVD,DAT, changed SDA and SCL Rise Time Max value from: 1000, to: 300.
• Sections 6.6.2, 6.6.3, 6.6.4: Added Note.
• Added Sections 6.6.7 Data Ready and Section 6.6.8 FIFO Event.
• Section 7, Table 9: Changed Register Address column from: 0x00//0x06, to: 0x06/0x00, from:
0x0D//00, to: 0x0D, from: 0x0E/01, to: 0x0E/0x01, added OST to Footnote 4.
• Section 7.1: Table 11: from (0x0B), to: (0x0D), from: Pressure/Temperature data delta, to:
Pressure/Temperature data or FIFO data.
• Section 7.3.3: Added (ST bits of CTRL_REG2) to sentence 2., Table 31 added 1 new sentence in
F_MODE[1.0] description
• Deleted notes from Sections 7.9.1, 7.10.1, 7.11.1 and 7.12.1.
• Section 7.17.1, Table 58: OST Description, changed from: ACTV, to: SBYB, Table 59: Delete
Column: Fastest OST Data Output Rate I2C, deleted Footnotes 1 and 2, changed values in
Minimum Time Between Data Samples column.
• Section 7.18.1: Changed from: 512, to: -512 to +508
• Section 7.18.2: Changed from: -8, to: +7.9375°C.
• Section 7.18.3: Changed from: -128, to: +128 meters.
• Section 8: Added: Note that Pin 1 index area marker does not have any internal electrical
connections. Handling and soldering recommendations for pressure sensors are available in
application note AN3150.
•
Section 9: Added Section called Tape and Reel specifications.
2.1
05/2012
• Changed Ordering Information device name from MPL3115A2T1 to MPL3115A2R1
2.2
07/2012
• Page 33, Table 59 Change from: 8 ms, To: 18 ms, Page 38, Table 72, Change title from: OFF_T
Register, To: OFF_H Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com