Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL3115A2 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPL3115A2
Description  I2C Precision Altimeter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL3115A2 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPL3115A2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
MPL3115A2
Sensors
Freescale Semiconductor, Inc.
5
2
Mechanical and Electrical Specifications
2.1
Mechanical Characteristics
Table 2. Mechanical Characteristics @ VDD = 2.5V, T = 25°C unless otherwise noted
(1)
1.
Measured at 25°C, over 50 kPa to 110 kPa.
Ref
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Pressure Sensor
1PFS
Measurement Range
Calibrated Range
50
110
kPa
Operational Range
20
110
kPa
2
Pressure Reading Noise
1x Oversample(2)
2.
Oversample (OSR) modes internally combine and average samples to reduce noise.
19
Pa RMS
128x Oversample(2)
1.5
Pa RMS
3
Pressure Absolute Accuracy
50 to 110 kPa
over 0°C to 50°C
-0.4
0.4
kPa
50 to 110 kPa
over -10°C to 70°C
±0.4
4
Pressure Relative Accuracy
Relative accuracy during
pressure change between
70 to 110 kPa at any constant
temperature between
-10°C to 50°C
±0.05
kPa
Relative accuracy during
changing temperature between
-10°C to 50°C at any constant
pressure between 50 kPa to 110
kPa
±0.1
5
Pressure/Altitude Resolution(3)(4)(5)
3.
Smallest bit change in register represents minimum value change in Pascals or meters. Typical resolution to signify change in altitude is
0.3m.
4.
At 128x Oversample Ratio.
5.
Reference pressure = 101.325 kPa (Sea Level).
Barometer Mode
0.25
1.5
Pa
Altimeter Mode
0.0625
0.3
m
6
Output Data Rate
OST(6) Mode
6. OST = One Shot Mode.
100
Hz
FIFO Mode
1
Hz
Temperature Sensor
7TFS
Measurement Range
-40
+85
°C
8
Temperature Accuracy
@ 25°C
±1
°C
Over Temperature Range
±3
9TOP
Operating Temperature Range
-40
+85
°C
10
Board Mount Drift
After solder reflow
±0.15
kPa
11
Long Term Drift
After a period of 1 year
±0.1
kPa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com