Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL3115A2 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MPL3115A2
Description  I2C Precision Altimeter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL3115A2 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MPL3115A2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
MPL3115A2
Sensors
Freescale Semiconductor, Inc.
23
7.1.3
OUT_P_MSB (0x01), OUT_P_CSB (0x02), OUT_P_LSB (0x03), OUT_T_MSB (0x04),
OUT_T_LSB (0x05)
The Altitude data is arranged as 20-bit 2’s complement value in meters. The data is stored as meters with the 16 bits of
OUT_P_MSB and OUT_P_CSB and with fractions of a meter stored in bits 7-4 of OUT_P_LSB. Be aware that the fractional bits
are not signed, therefore, they are not represented in 2’s complement.
The Pressure data is arranged as 20-bit unsigned data in Pascals. The first 18 bits are located in OUT_P_MSB, OUT_P_CSB
and bits 7-6 of OUT_P_LSB. The 2 bits in position 5-4 of OUT_P_LSB represent the fractional component.
When RAW bit is set (CTRL_REG1), then the RAW value is stored in all 24 bits of OUT_P_MSB, OUT_P_CSB and
OUT_P_LSB.
The Temperature data is arranged as 12-bit 2’s complement value in degrees C. The 8 bits of OUT_T_MSB representing de-
grees and with fractions of a degree are stored in 4 bits in position 7-4 of OUT_T_LSB. Be aware that the fractional bits are not
signed, therefore, they are not represented in 2’s complement. When RAW is selected then the RAW value is stored in all 16 bits
of OUT_T_MSB and OUT_T_LSB.
The sample data output registers store the current sample data if the FIFO data output register driver is disabled, but if the
FIFO data output register driver is enabled, the sample data output registers point to the head of the FIFO buffer which contains
the previous Pressure/Altitude and Temperature data samples.
7.1.3.1
Data Registers with F_MODE = 00
The DR_STATUS register, OUT_P_MSB, OUT_P_CSB, OUT_P_LSB, OUT_T_MSB, and OUT_T_LSB are stored in the auto-
incrementing address range of 0x00 to 0x05. This allows the host controller to read the status register followed by the 20-bit Pres-
sure/Altitude and 12-bit Temperature in a 6 byte I2C transaction.
If the FIFO data output register driver is enabled (F_MODE > 00), register 0x01 points to the FIFO read pointer, while registers
0x02, 0x03, 0x04, 0x05, return a value of zero when read.
Table 14. OUT_P_MSB Register
7
6543210
R
PD19
PD18
PD17
PD16
PD15
PD14
PD13
PD12
W
Reset
00000000
Table 15. OUT_P_CSB Register
7
6543
210
R
PD11
PD10
PD9
PD8
PD7
PD6
PD5
PD4
W
Reset
00000
000
Table 16. OUT_P_LSB Register
7
6543
21
0
R
PD3
PD2
PD1
PD0
0
0
0
0
W
Reset
00000
00
0
Table 17. OUT_T_MSB Register
7
654
32
10
R
TD11
TD10
TD9
TD8
TD7
TD6
TD5
TD4
W
Reset
0
000
00
00
Table 18. OUT_T_LSB Register
7
654
32
10
RTD3
TD2
TD1
TD0
0
0
0
0
W
Reset
0
000
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com