Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL3115A2 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPL3115A2
Description  I2C Precision Altimeter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL3115A2 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPL3115A2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
MPL3115A2
Sensors
14
Freescale Semiconductor, Inc.
5
Terminology
5.1
Resolution
The resolution of a pressure sensor is the minimum change of pressure that can be reliably measured. The usable resolution
of the MPL3115A2 is programmable, enabling the user to choose a compromise between acquisition speed, power consumption,
and resolution that best fits the application. To simplify the programming, the data is always reported in the same format with
differing number of usable bits.
5.2
Accuracy
5.2.1
Offset
The offset is defined as the output signal obtained when the Reference Pressure (a vacuum for an absolute pressure sensor)
is applied to the sensor. Offset error affects absolute pressure measurements but not relative pressure measurements. An alti-
tude measurement is the pressure value in comparison to sea level, a Barometric measurement is the pressure value read by
the sensor, i.e. a measurement of total pressure seen (e.g. 70 kPa), or total height (e.g. 3000m) above sea level. A change in the
offset will affect the pressure value or height seen above sea level as it shifts the sea level ‘base reference’. An absolute pressure
measurement is not the same as relative pressure measurement, where the pressure is compared when raising or lowering pres-
sure in shorter intervals. This would be a walk up a hill, measuring the pressure and altitude difference from start to finish. In the
relative case, the offset shifts are shared in the two absolute measurements and negate each other during the pressure calcula-
tion. For the MPL3115A2, the long term offset shift can be removed by adjusting the pressure or altitude offset correction. This
adjustment is provided to override the factory programmed values to compensate for offsets introduced by manufacturing and
mounting stresses. It is highly recommended that this is utilized to realize the full accuracy potential of the device.
5.2.2
Linearity
Linearity compares the slope of the measurement data to that of an ideal transfer function. It refers to how well a transducer’s
output follows the equation Pout = Poff + Sensitivity x P straight line equation over the operating pressure range. The method
used by Freescale to give the linearity spec is the end-point straight line method measured at midrange pressure.
5.2.3
Absolute Pressure
Absolute pressure sensors measure an external pressure relative to a zero-pressure reference (vacuum) sealed inside the
reference chamber of the die during manufacturing. This standard allows comparison to a standard value set such that
14.7 psi = 101325 Pa = 1 atm at sea level as a measurement target. The absolute pressure is used to determine altitude as it
has a constant reference for comparison. Measurement at sea level can be compared to measurement at a mountain summit as
they use the same vacuum reference. The conversion of absolute pressure to altitude in meters is calculated based on US Stan-
dard Atmosphere 1976 (NASA). Note that absolute pressure is not linear in nature to altitude; it is an exponential function. The
value of altitude, in increments of 0.0625 meters, can be read directly from the MPL3115A2, or the value of pressure in 0.25 Pas-
cal (Pa) units.
5.2.4
Span
Span is the value of full scale output with offset subtracted, representing the full range of the pressure sensor. Ideally the span
is a specification over a constant temperature. The MPL3115A2 uses internal temperature compensation to remove drift. Span
accuracy is the comparison of the measured difference and the actual difference between the highest and lowest pressures in
the specified range.
5.3
Pressure/Altitude
The MPL3115A2 device is a high accuracy pressure sensor with integrated data calculation and logging capabilities. The al-
titude calculations are based on the measured pressure, the user input of the equivalent sea level pressure (to compensate for
local weather conditions) and the US Standard Atmosphere 1976 (NASA) to give the altitude readings. Pressure is given in Pas-
cals (Pa), and fractions of a Pa. Altitude is given in meters (m) and fractions of a meter. The altitude is calculated from the pres-
sure using the equation below:
Where p0 = sea level pressure (101326 Pa) and h is in meters. The MPL3115A2 uses this value since the offset register is
defined as 2 Pascals per LSB.
h
44330.77 1
p p
0

0.1902632  OFF_H (Register Value)
+
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com