Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL3115A2 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MPL3115A2
Description  I2C Precision Altimeter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL3115A2 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MPL3115A2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
MPL3115A2
Sensors
Freescale Semiconductor, Inc.
25
7.2
Device ID
7.2.1
WHO_AM_I (0x0C)
Device identification register. This register contains the device identifier which is set to 0xC4 by default. The value is factory
programmed. Consult factory for custom alternate values.
7.3
FIFO Setup
7.3.1
F_STATUS (0x0D)
If the FIFO subsystem data output register driver is enabled, the status register indicates the current status information of the
FIFO subsystem.
The F_OVF and F_WMRK_FLAG flags remain asserted while the event source is still active, but the user can clear the FIFO
interrupt bit flag in the interrupt source register (INT_SOURCE) by reading the F_STATUS register. Therefore the F_OVF bit flag
will remain asserted while the FIFO has overflowed and the F_WMRK_FLAG bit flag will remain asserted while the F_CNT value
is greater than then F_WMRK value.
Table 24. WHO_AM_I Register
7
6543
21
0
R
W
Reset
(NVM data)
(NVM data)
(NVM data)
(NVM data)
(NVM data)
(NVM data)
(NVM data)
(NVM data)
11000
10
0
Table 25. F_STATUS
7
6
543210
R
F_OVF
F_WMRK_FLAG
F_CNT5
F_CNT4
F_CNT3
F_CNT2
F_CNT1
F_CNT0
W
Reset
0
0
000000
Table 26. FIFO Flag Event Descriptions
F_OVF
F_WMRK_FLAG
Event Description
0
—
No FIFO overflow events detected.
1
—
FIFO overflow event detected.
—
0
No FIFO watermark events detected.
—
1
FIFO watermark event detected. FIFO sample count greater than watermark value.
Table 27. FIFO Sample Count Bit Descriptions
Name
Description
F_CNT[5:0]
FIFO sample counter. F_CNT[5:0] bits indicate the number of samples currently stored in the FIFO buffer. Count
000000 indicates that the FIFO is empty.
Default value: 00_0000.
(000001 to 100000 indicates 1 to 32 samples stored in FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com