Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL3115A2 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MPL3115A2
Description  I2C Precision Altimeter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL3115A2 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MPL3115A2 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
MPL3115A2
Sensors
Freescale Semiconductor, Inc.
37
The system’s interrupt controller uses the corresponding bit field in the CTRL_REG5 register to determine the routing table for
the INT1 and INT2 interrupt pins. If the bit value is logic ‘0’ the functional block’s interrupt is routed to INT2, and if the bit value is
logic ‘1’ then the interrupt is routed to INT1. All interrupts routed to INT1 or INT2 are logically OR’d as illustrated in Figure 9, thus
one or more functional blocks can assert an interrupt pin simultaneously; therefore a host application responding to an interrupt
should read the INT_SOURCE register to determine the appropriate sources of the interrupt.
Figure 9. INT1/INT2 PIN Control Logic
7.18
Offset Correction
The 2’s complement offset correction registers values are used to trim the temperature, altitude and pressure offsets that might
occur over the life of the product.
The resolution of the pressure offset register is 4 Pa per bit.
7.18.1 OFF_P (0x2B)
Pressure user accessible offset trim value expressed as an 8-bit 2's complement number. The user offset registers may be
adjusted to enhance accuracy and optimize the system performance. Range is from -512 to +508 Pa, 4 Pa per LSB.
7.18.2 OFF_T (0x2C)
Temperature user accessible offset trim value expressed as an 8-bit 2's complement number. The user offset registers may
be adjusted to enhance accuracy and optimize the system performance. Range is from -8 to +7.9375
C, 0.0625C per LSB.
Table 68. OFF_P Register
7
65432
10
R
OFF_P7
OFF_P6
OFF_P5
OFF_P4
OFF_P3
OFF_P2
OFF_P1
OFF_P0
W
Reset
0
00000
00
Table 69. OFF_P Description
Name
Description
OFF_P7-OFF_P0
Pressure offset trim value.
Default value: 0000_0000.
Table 70. OFF_T Register
7
6
5
43
210
R
OFF_T7
OFF_T6
OFF_T5
OFF_T4
OFF_T3
OFF_T2
OFF_T1
OFF_T0
W
Reset
0
0
0
00
000
OR
SRC DR
SRC Pressure Change
SRC Temp Change
.
.
.
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com