Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL3115A2 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MPL3115A2
Description  I2C Precision Altimeter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL3115A2 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MPL3115A2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
MPL3115A2
Sensors
24
Freescale Semiconductor, Inc.
7.1.4
OUT_P_DELTA_MSB (0x07), OUT_P_DELTA_CSB (0x08), OUT_P_DELTA_LSB (0x09),
OUT_T_ DELTA_MSB (0x0A), OUT_T_DELTA_LSB (0x0B)
Differences from last Pressure/Altitude and Temperature samples.
The Altitude data is arranged as 20-bit 2’s complement value in meters. Stored as meters with the 16 bits of
OUT_P_DELTA_MSB and OUT_P_DELTA_CSB and with fractions of a meter stored in 4 bits in position 7-4 of
OUT_P_DELTA_LSB.
The Pressure is arranged as 20-bit 2’s complement value in Pascals. The first 18 bits are located in OUT_P_DELTA_MSB,
OUT_P_DELTA_CSB and bits 7-6 of OUT_P_DELTA_LSB. The 2 bits in position 5-4 of OUT_P_DELTA_LSB represent the frac-
tional component.
The Temperature data is arranged as 12-bit values in degrees C. The 8 bits of OUT_T_DELTA_MSB representing degrees
and with fractions of a degree stored in 4 bits in position 7-4 of OUT_T_DELTA_LSB.
In RAW mode, these registers are not used and their values are not updated.
Note: The OUT_P_DELTA, OUT_T_DELTA registers store the difference data information regardless of the state of the FIFO
data output register driver bit, F_MODE > 00.
Table 19. OUT_P_DELTA _MSB Register
7
6543
21
0
R
PDD19
PDD18
PDD17
PDD16
PDD15
PDD14
PDD13
PDD12
W
Reset
00000
00
0
Table 20. OUT_P_DELTA_CSB Register
7
654
32
10
R
PDD11
PDD10
PDD9
PDD8
PDD7
PDD6
PDD5
PDD4
W
Reset
0
000
00
00
Table 21. OUT_P_DELTA_LSB Register
7
654
32
10
R
TDD3
TDD2
TDD1
TDD0
0
0
0
0
W
Reset
0
000
00
00
Table 22. OUT_T_DELTA _MSB Register
7
6543
21
0
R
TDD11
TDD10
TDD9
TDD8
TDD7
TDD6
TDD5
TDD4
W
Reset
00000
00
0
Table 23. OUT_T_DELTA_LSB Register
7
6
5
43
210
R
TDD3
TDD2
TDD1
TDD0
0
0
0
0
W
Reset
0
0
0
00
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com