Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL3115A2 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPL3115A2
Description  I2C Precision Altimeter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL3115A2 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPL3115A2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
MPL3115A2
Sensors
Freescale Semiconductor, Inc.
7
3.1
I2C Interface Characteristics
Figure 3. I2C Slave Timing Diagram
Table 4. I2C Slave Timing Values(1)
1.
All values referred to VIH(min) and VIL(max) levels.
Ref
Symbol
Parameter
I2C
Unit
Condition
Min
Max
1fSCL
SCL Clock Frequency
Pull-up = 1 k
 C
b = 400 pF
0
400
KHz
2fSCL
SCL Clock Frequency
Pull-up = 1 k
 C
b = 20 pF
0
4
MHz
3tBUF
Bus free time between STOP and START condition
1.3
µs
4tHD;STA
Repeated START Hold Time
0.6
µs
5tSU;STA
Repeated START Setup Time
0.6
µs
6tSU;STO STOP Condition Setup Time
0.6
µs
7tHD;DAT SDA Data Hold Time(2)
2.
tHD;DAT is the data hold time that is measured from the falling edge of SCL, applies to data in transmission and the acknowledge.
50(3)
3.
The device must internally provide a hold time of at least 300 ns for the SDA signal (with respect to the VIH(min) of the SCL signal) to bridge
the undefined region of the falling edge of SCL.
(4)
4.
The maximum tHD;DAT must be less than the maximum of tVD;DAT or tVD;ACK by a transition time. This device does not stretch the LOW period
(tLOW) of the SCL signal.
ns
8tSU;DAT
SDA Setup Time
100(5)
5.
A fast mode I2C device can be used in a standard mode I2C system, but the requirement tSU;DAT 250 ns must then be met. This will
automatically be the case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch the LOW period of
the SCL signal, it must output the next data bit to the SDA line tr(max) + tSU;DAT = 1000 + 250 = 1250 ns (according to the standard mode
I2C specification) before the SCL line is released. Also the acknowledge timing must meet this set-up time.
ns
9tLOW
SCL Clock Low Time
1.3
µs
10
tHIGH
SCL Clock High Time
0.6
µs
11
tr
SDA and SCL Rise Time
20 + 0.1Cb
(6)
6.
Cb = Total capacitance of one bus line in pF.
300
ns
12
tf
SDA and SCL Fall Time (3)(6)(7)(8)
7.
The maximum tf for the SDA and SCL bus lines is specified at 300 ns. The maximum fall time for the SDA output stage tf is specified at
250 ns. This allows series protection resistors to be connected in between the SDA and the SCL pins and the SDA/SCL bus lines without
exceeding the maximum specified tf.
8.
In Fast Mode Plus, fall time is specified the same for both output stage and bus timing. If series resistors are used, designers should allow
for this when considering bus timing.
20 + 0.1Cb
(6)
300
ns
13
tSP
Pulse width of spikes that are suppressed by internal
input filter
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com