Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL3115A2 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MPL3115A2
Description  I2C Precision Altimeter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL3115A2 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MPL3115A2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
MPL3115A2
Sensors
Freescale Semiconductor, Inc.
29
7.8
Barometric Pressure Input
7.8.1
BAR_IN_MSB, BAR_IN_LSB (0x14, 0x15)
Barometric input for altitude calculations. Input is equivalent sea level pressure for measurement location.
Value is input in 2 Pa units.
Units are input as unsigned 16-bit integers. The default value is 101,326 Pa. The default value can be changed by writing to
this register
7.9
Pressure/Altitude Target
7.9.1
P_TGT_MSB, P_TGT_LSB (0x16, 0x17)
Altitude/Pressure target value. This value works in conjunction with the window value (P_WND_MSB and P_WND_LSB).
In Altitude mode, the register value is 16-bit 2’s complement value in meters.
In Pressure mode, the value is 16-bit unsigned value in 2 Pa units.
7.10
Temperature Target
7.10.1 T_TGT (0x18)
Temperature target value input in 2’s complement value in
C.
Table 39. BAR_IN_MSB Register
7
6543
21
0
R
BAR[15]
BAR[14]
BAR[13]
BAR[12]
BAR[11]
BAR[10]
BAR[9]
BAR[8]
W
Reset
1
1000
10
1
Table 40. BAR_IN_LSB Register
7
6
5
43
210
R
BAR[7]
BAR[6]
BAR[5]
BAR[4]
BAR[3]
BAR[2]
BAR[1]
BAR[0]
W
Reset
1
1
1
00
111
Table 41. P_TGT_MSB Register
7
6
5
43
210
R
P_TGT15
P_TGT14
P_TGT13
P_TGT12
P_TGT11
P_TGT10
P_TGT9
P_TGT8
W
Reset
0
0
0
00
000
Table 42. P_TGT_LSB Register
7
6543
21
0
R
P_TGT7
P_TGT6
P_TGT5
P_TGT4
P_TGT3
P_TGT2
P_TGT1
P_TGT0
W
Reset
0
0000
00
0
Table 43. T_TGT Register
7
6
5
43
210
R
T_TGT7
T_TGT6
T_TGT5
T_TGT4
T_TGT3
T_TGT2
T_TGT1
T_TGT0
W
Reset
0
0
0
00
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com