Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL3115A2 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MPL3115A2
Description  I2C Precision Altimeter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL3115A2 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MPL3115A2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
MPL3115A2
Sensors
20
Freescale Semiconductor, Inc.
0x16
Pressure Target MSB
(P_TGT_MSB)(1)(3)
0x00
No
R/W
0x17
Pressure/Altitude target value bits 8-15
0x17
Pressure Target LSB
(P_TGT_LSB)(1)(3)
0x00
No
R/W
0x18
Pressure/Altitude target value bits 0-7
0x18
Temperature Target (T_TGT)(1)(3)
0x00
No
R/W
0x19
Temperature target value
0x19
Pressure/Altitude Window MSB
(P_WND_MSB)(1)(3)
0x00
No
R/W
0x1A
Pressure/Altitude window value
bits 8-15
0x1A
Pressure/Altitude Window LSB
(P_WND_LSB)(1)(3)
0x00
No
R/W
0X1B
Pressure/Altitude window value
bits 0-7
0X1B
Temperature Window
(T_WND)(1)(3)
0x00
No
R/W
0x1C
Temperature window value
0x1C
Minimum Pressure Data Out MSB
(P_MIN_MSB)(1)(3)
0x00
No
R/W
0x1D
Minimum Pressure/Altitude bits 12-19
0x1D
Minimum Pressure Data Out CSB
(P_MIN_CSB)(1)(3)
0x00
No
R/W
0x1E
Minimum Pressure/Altitude bits 4-11
0x1E
Minimum Pressure Data Out LSB
(P_MIN_LSB)(1)(3)
0x00
No
R/W
0x1F
Minimum Pressure/Altitude bits 0-3
0x1F
Minimum Temperature Data Out
MSB (T_MIN_MSB)(1)(3)
0x00
No
R/W
0x20
Minimum Temperature bits 8-15
0x20
Minimum Temperature Data Out
LSB (T_MIN_LSB)(1)(3)
0x00
No
R/W
0x21
Minimum Temperature bits 0-7
0x21
Maximum Pressure Data Out
MSB (P_MAX_MSB)(1)(3)
0x00
No
R/W
0x22
Maximum Pressure/Altitude bits 12-19
0x22
Maximum Pressure Data Out
CSB (P_MAX_CSB)(1)(3)
0x00
No
R/W
0x23
Maximum Pressure/Altitude bits 4-11
0x23
Maximum Pressure Data Out LSB
(P_MAX_LSB)(1)(3)
0x00
No
R/W
0X24
Maximum Pressure/Altitude bits 0-3
0X24
Maximum Temperature Data Out
MSB (T_MAX_MSB)(1)(3)
0x00
No
R/W
0x25
Maximum Temperature bits 8-15
0x25
Maximum Temperature Data Out
LSB (T_MAX_LSB)(1)(3)
0x00
No
R/W
0x26
Maximum Temperature bits 0-7
0x26
Control Register 1
(CTRL_REG1)(1)(4)
0x00
No
R/W
0x27
Modes, Oversampling
0x27
Control Register 2
(CTRL_REG2)(1)(4)
0x00
No
R/W
0x28
Acquisition time step
0x28
Control Register 3
(CTRL_REG3)(1)(4)
0x00
No
R/W
0x29
Interrupt pin configuration
0x29
Control Register 4
(CTRL_REG4)(1)(4)
0x00
No
R/W
0x2A
Interrupt enables
0x2A
Control Register 5
(CTRL_REG5)(1)(4)
0x00
No
R/W
0x2B
Interrupt output pin assignment
0x2B
Pressure Data User Offset
Register (OFF_P)
0x00
No
R/W
0x2C
Pressure data offset
0x2C
Temperature Data User Offset
Register (OFF_T)
0x00
No
R/W
0x2D
Temperature data offset
0x2D
Altitude Data User Offset Register
(OFF_H)
0x00
No
R/W
0x0C
Altitude data offset
1.
Register contents are preserved when transitioning from “ACTIVE” to “STANDBY” mode.
2.
Register contents are reset when transitioning from “STANDBY” to “ACTIVE” mode.
3.
Register contents can be modified anytime in “STANDBY” or “ACTIVE” mode.
4.
Modification of this register’s contents can only occur when device in “STANDBY” mode except the SBYB, OST and RST bit fields in
CTRL_REG1 register.
Table 9. Register Address Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com