Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL3115A2 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MPL3115A2
Description  I2C Precision Altimeter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL3115A2 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MPL3115A2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPL3115A2 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
MPL3115A2
Sensors
Freescale Semiconductor, Inc.
19
7
Register Descriptions
Table 9. Register Address Map
Register
Address
Name
Reset
Reset
when
STBY
to
Active
Type
Auto-Increment
Address
Comment
0x00
Sensor Status Register
(STATUS)(1)(2)
0x00
Yes
R
0x01
Alias for DR_STATUS or F_STATUS
0x01
Pressure Data Out MSB
(OUT P_MSB)(1)(2)
0x00
Yes
R
0x02
0x01
Bits 12-19 of 20-bit
real-time Pressure
sample.
Root pointer to
Pressure and
Temperature FIFO
data.
0x02
Pressure Data Out CSB
(OUT_P_CSB)(1)(2)
0x00
Yes
R
0x03
Bits 4-11 of 20-bit real-time Pressure sample
0x03
Pressure Data Out LSB
(OUT_P _LSB)(1)(2)
0x00
Yes
R
0x04
Bits 0-3 of 20-bit real-time Pressure sample
0x04
Temperature Data Out MSB
(OUT_T_MSB)(1)(2)
0x00
Yes
R
0x05
Bits 4-11 of 12-bit real-time Temperature
sample
0x05
Temperature Data Out LSB
(OUT_T _LSB)(1)(2)
0x00
Yes
R
0x00
Bits 1-3 of 12-bit real-time Temperature
sample
0x06/0x00
Sensor Status Register
(DR_STATUS)(1)(2)
0x00
Yes
R
0x07
Data Ready status information
0x07
Pressure Data Out Delta MSB
(OUT_P_DELTA MSB)(1)(2)
0x00
Yes
R
0x08
Bits 12-19 of 20-bit Pressure change data
0x08
Pressure Data Out Delta CSB
(OUT_P_DELTA_CSB)(1)(2)
0x00
Yes
R
0x09
Bits 4-11 of 20-bit Pressure change data
0x09
Pressure Data Out Delta LSB
(OUT_P_DELTA_LSB)(1)(2)
0x00
Yes
R
0x0A
Bits 0-3 of 20-bit Pressure change data
0x0A
Temperature Data Out Delta MSB
(OUT_T_DELTA_MSB)(1)(2)
0x00
Yes
R
0x0B
Bits 4-11 of 12-bit Temperature change data
0x0B
Temperature Data Out Delta LSB
(OUT_T_DELTA_LSB)(1)(2)
0x00
Yes
R
0x06
Bits 0-3 of 12-bit Temperature change data
0x0C
Device Identification Register
(WHO_AM_I)
0xC4
No
R
0x0D
Fixed Device ID Number
0x0D
FIFO Status Register
(F_STATUS)(1)(2)
0x00
Yes
R
0x0E
FIFO Status: No FIFO event detected
0X0E/0x01
FIFO 8-bit Data Access
(F_DATA)(1)(2)
0x00
Yes
R
0x0E
FIFO 8-bit data access
0x0F
FIFO Setup Register
(F_SETUP)(1)(3)
0x00
No
R/W
0x10
FIFO setup
0x10
Time Delay
Register(TIME_DLY)(1)(2)
0x00
Yes
R
0x11
Time since FIFO overflow
0x11
System Mode Register
(SYSMOD)(2)
0x00
Yes
R
0x12
Current system mode
0x12
Interrupt Source Register
(INT_SOURCE)(1)
0x00
No
R
0x13
Interrupt status
0x13
PT Data Configuration Register
(PT_DATA_CFG)(1)(3)
0x00
No
R/W
0x14
Data event flag configuration
0x14
BAR Input in MSB
(BAR_IN_MSB)(1)(3)
0xC5
No
R/W
0x15
Barometric input for Altitude calculation
bits 8-15
0x15
BAR Input in LSB
(BAR_IN_LSB)(1)(3)
0xE7
No
R/W
0x16
Barometric input for Altitude calculation bits
0-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com