Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8653FC Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MMA8653FC
Description  Xtrinsic MMA8653FC 3-Axis, 10-bit Digital Accelerometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8653FC Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MMA8653FC Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
MMA8653FC
Sensors
Freescale Semiconductor, Inc.
21
6.2
Register bit map
Note: Bits showing “—” can read as either 0 or 1, and these bits have no definition.
Reg
Field
Definition
Typ
e
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
STATUS
Data Status
R
ZYXOW
ZOW
YOW
XOW
ZYXDR
ZDR
YDR
XDR
01
OUT_X_MSB
10-bit X Data
R
XD9
XD8
XD7
XD6
XD5
XD4
XD3
XD2
02
OUT_X_LSB
10-bit X Data
R
XD1
XD0
0
0
0
0
0
0
03
OUT_Y_MSB
10-bit Y Data
R
YD9
YD8
YD7
YD6
YD5
YD4
YD3
YD2
04
OUT_Y_LSB
10-bit Y Data
R
YD1
YD0
0
0
0
0
0
0
05
OUT_Z_MSB
10-bit Z Data
R
ZD9
ZD8
ZD7
ZD6
ZD5
ZD4
ZD3
ZD2
06
OUT_Z_LSB
10-bit Z Data
R
ZD1
ZD0
0
0
0
0
0
0
07–
0A
Reserved
—
R
0
0
0
0
0
0
0
0
0B
SYSMOD
System Mode
R
0
0
0
0
0
0
SYSMOD1
SYSMOD0
0C
INT_SOURCE
Interrupt Status
R
SRC_ASLP
0
0
SRC_LNDPRT
0
SRC_FF_MT
0
SRC_DRDY
0D
WHO_AM_I
ID Register
R
0
1
0
1
1
0
1
0
0E
XYZ_DATA_CFG
Data Config
R/
W
00
0
0
0
0
FS1
FS0
0F
Reserved
—
R
—
—
—
—
—
—
—
—
10
PL_STATUS
Portrait Landscape
Status
R
NEWLP
LO
0
0
0
LAPO[1]
LAPO[0]
BAFRO
11
PL_CFG
Portrait Landscape
Configuration
R/
W
DBCNTM
PL_EN
0
0
0
0
0
0
12
PL_COUNT
Portrait Landscape
Debounce
R/
W
DBNCE[7]
DBNCE[6]
DBNCE[5]
DBNCE[4]
DBNCE[3]
DBNCE[2]
DBNCE[1]
DBNCE[0]
13
PL_BF_ZCOMP
Portrait Landscape
Back/Front Z Comp
R0
1
0
0
0
1
0
0
14
PL_THS_REG
Portrait Landscape
Threshold
R1
0
0
0
0
1
0
0
15
FF_MT_CFG
Freefall/Motion Config
R/
W
ELE
OAE
ZEFE
YEFE
XEFE
0
0
0
16
FF_MT_SRC
Freefall/Motion Status
R
EA
0
ZHE
ZHP
YHE
YHP
XHE
XHP
17
FF_MT_THS
Freefall/Motion Threshold
R/
W
DBCNTM
THS6
THS5
THS4
THS3
THS2
THS1
THS0
18
FF_MT_COUNT
Freefall/Motion
Debounce
R/
W
D7
D6
D5
D4
D3
D2
D1
D0
19–
28
Reserved
—
R
—
—
—
—
—
—
—
—
29
ASLP_Count
Counter setting for
Auto-SLEEP/WAKE
R/
W
D7
D6
D5
D4
D3
D2
D1
D0
2A
CTRL_REG1
Control Reg1
R/
W
ASLP_RATE1
ASLP_RATE0
DR2
DR1
DR0
0
F_READ
ACTIVE
2B
CTRL_REG2
Control Reg2
R/
W
ST
RST
—
SMODS1
SMODS0
SLPE
MODS1
MODS0
2C
CTRL_REG3
Control Reg3
R/
W
—
—
WAKE_LNDPRT
—
WAKE_FF_MT
0
IPOL
PP_OD
2D
CTRL_REG4
Control Reg4
R/
W
INT_EN_ASLP
—
—
INT_EN_LNDPRT
—
INT_EN_FF_MT
0
INT_EN_DRDY
2E
CTRL_REG5
Control Reg5
R/
W
INT_CFG_ASLP
—
—
INT_CFG_LNDPRT
—
INT_CFG_FF_MT
0
INT_CFG_DRD
Y
2F
OFF_X
X 8-bit offset
R/
W
D7
D6
D5
D4
D3
D2
D1
D0
30
OFF_Y
Y 8-bit offset
R/
W
D7
D6
D5
D4
D3
D2
D1
D0
31
OFF_Z
Z 8-bit offset
R/
W
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com