Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8653FC Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MMA8653FC
Description  Xtrinsic MMA8653FC 3-Axis, 10-bit Digital Accelerometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8653FC Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MMA8653FC Datasheet HTML 42Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 43Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 44Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 45Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 46Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 47Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 48Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 49Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
MMA8653FC
Sensors
46
Freescale Semiconductor, Inc.
6.8.5
0x2E: CTRL_REG5, Interrupt Configuration Register (Read/Write)
This register maps the desired interrupts to INT2 or INT1.
Figure 42. 0x2E: CTRL_REG5, Interrupt Configuration Register
The system’s interrupt controller shown in Figure 10 "System interrupt generation" uses the corresponding bit field in the
CTRL_REG5 register to determine the routing table for the INT1 and INT2 interrupt pins. If the bit value is logic ‘0’ the functional
block’s interrupt is routed to INT2, and if the bit value is logic ‘1’ then the interrupt is routed to INT1. One or more functions can
assert an interrupt pin; therefore a host application responding to an interrupt should read the INT_SOURCE (0x0C) register to
determine the appropriate sources of the interrupt.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
INT_CFG_ASL
—
—
INT_CFG_LNDP
—
INT_CFG_FF_M
0
INT_CFG_DRD
Table 41. CTRL_REG5 register
Field
Description
INT_CFG_ASLP
Auto-SLEEP/WAKE INT1/INT2 Configuration
0 Interrupt is routed to INT2 pin (default)
1 Interrupt is routed to INT1 pin
INT_CFG_LNDPRT
Orientation INT1/INT2 Configuration
INT_CFG_FF_MT
Freefall/motion INT1/INT2 Configuration
INT_CFG_DRDY
Data Ready INT1/INT2 Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com