Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8653FC Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MMA8653FC
Description  Xtrinsic MMA8653FC 3-Axis, 10-bit Digital Accelerometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8653FC Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MMA8653FC Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
MMA8653FC
Sensors
Freescale Semiconductor, Inc.
5
1.2
Pin descriptions
Figure 2. Direction of the detectable accelerations
1.3
Orientation definitions
Figure 3 shows the device configuration in the 6 different orientation modes. There are several registers to configure the
orientation detection and are described in detail in the register setting section.
Figure 3. Landscape/Portrait orientation
Direction of the
Detectable Accelerations
(Bottom View)
X
Y
Z
1
(Top View)
1
5
6
10
VDD
SCL
INT1
BYP
INT2
SDA
GND
VDDIO
GND
GND
Top View
PU
Earth Gravity
Pin 1
X @ 0g
Y @ -1g
Z @ 0g
Xout @ 1g
Yout @ 0g
Zout @ 0g
Xout @ 0g
Yout @ 1g
Zout @ 0g
Xout @ -1g
Yout @ 0g
Zout @ 0g
LL
PD
LR
Side View
FRONT
Xout @ 0g
Yout @ 0g
Zout @ 1g
BACK
Xout @ 0g
Yout @ 0g
Zout @ -1g
PU = Portrait Up
LR = Landscape Right
PD = Portrait Down
LL = Landscape Left



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com