Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8653FC Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MMA8653FC
Description  Xtrinsic MMA8653FC 3-Axis, 10-bit Digital Accelerometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8653FC Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MMA8653FC Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
MMA8653FC
Sensors
20
Freescale Semiconductor, Inc.
6
Register Descriptions
6.1
Register address map
Note: Auto-increment addresses that are not a simple increment are highlighted in bold.
The auto-increment addressing is only enabled when device registers are read using I2C burst read mode.
The internally stored auto-increment address is cleared whenever an I2C STOP condition is detected.
Table 12. MMA8653FC Register Address Map
Field
Type
Register
Address
Auto-Increment Address
Default
Hex
Value
Comment
F_READ = 0 F_READ = 1
STATUS(1)(2)
1. The register data is only valid in ACTIVE mode.
2. Register contents are reset when transition from STANDBY to ACTIVE mode occurs.
R
0x00
0x01
00000000
0x00
Real time status
OUT_X_MSB(1)
R
0x01
0x02
0x03
Output
—
[7:0] are 8 MSBs of 10-bit sample.
OUT_X_LSB(1)
R
0x02
0x03
0x00
Output
—
[7:6] are 2 LSBs of 10-bit real-time sample
OUT_Y_MSB(1)
R
0x03
0x04
0x05
Output
—
[7:0] are 8 MSBs of 10-bit real-time sample
OUT_Y_LSB(1)
R
0x04
0x05
0x00
Output
—
[7:6] are 2 LSBs of 10-bit real-time sample
OUT_Z_MSB(1)
R
0x05
0x06
0x00
Output
—
[7:0] are 8 MSBs of 10-bit real-time sample
OUT_Z_LSB(1)
R
0x06
0x00
Output
—
[7:6] are 2 LSBs of 10-bit real-time sample
Reserved
R
0x07–0x0A
—
00000000
0x00
Reserved. Read return 0x00.
SYSMOD
R
0x0B
0x0C
00000000
0x00
Current System Mode
INT_SOURCE(1)(2)
R
0x0C
0x0D
00000000
0x00
Interrupt status
WHO_AM_I(3)
3. Register contents are preserved when transition from ACTIVE to STANDBY mode occurs.
R
0x0D
0x0E
01001010
0x5A Device ID (0x5A)
XYZ_DATA_CFG(3)(4)
4. Modification of this register’s content can only occur when device is in STANDBY mode, except CTRL_REG1 ACTIVE bit and CTRL_REG2 RST bit.
R/W
0x0E
0x0F
00000000
0x00
Dynamic Range Settings
Reserved
R
0x0F
—
00000000
0x00
Reserved. Read return 0x00.
PL_STATUS(1)(2)
R
0x10
0x11
00000000
0x00
Landscape/Portrait orientation status
PL_CFG(3)(4)
R/W
0x11
0x12
10000000
0x80
Landscape/Portrait configuration.
PL_COUNT(3)(4)
R/W
0x12
0x13
00000000
0x00
Landscape/Portrait debounce counter
PL_BF_ZCOMP(3)
R
0x13
0x14
01000100
0x44
Back/Front, Z-Lock Trip threshold
PL_THS_REG(3)
R
0x14
0x15
10000100
0x84
Portrait to Landscape Trip angle
FF_MT_CFG(3)(4)
R/W
0x15
0x16
00000000
0x00
Freefall/Motion functional block configuration
FF_MT_SRC(1)(2)
R
0x16
0x17
00000000
0x00
Freefall/Motion event source register
FF_MT_THS(3)(4)
R/W
0x17
0x18
00000000
0x00
Freefall/Motion threshold register
FF_MT_COUNT(3)(4)
R/W
0x18
0x19
00000000
0x00
Freefall/Motion debounce counter
Reserved
R
0x19–0x28
—
00000000
0x00
Reserved. Read return 0x00.
ASLP_COUNT(3)(4)
R/W
0x29
0x2A
00000000
0x00
Counter setting for Auto-SLEEP/WAKE
CTRL_REG1(3)(4)
R/W
0x2A
0x2B
00000000
0x00
Data Rates, ACTIVE Mode.
CTRL_REG2(3)(4)
R/W
0x2B
0x2C
00000000
0x00
Sleep Enable, OS Modes, RST, ST
CTRL_REG3(3)(4)
R/W
0x2C
0x2D
00000000
0x00
Wake from Sleep, IPOL, PP_OD
CTRL_REG4(3)(4)
R/W
0x2D
0x2E
00000000
0x00
Interrupt enable register
CTRL_REG5(3)(4)
R/W
0x2E
0x2F
00000000
0x00
Interrupt pin (INT1/INT2) map
OFF_X(3)(4)
R/W
0x2F
0x30
00000000
0x00
X-axis offset adjust
OFF_Y(3)(4)
R/W
0x30
0x31
00000000
0x00
Y-axis offset adjust
OFF_Z(3)(4)
R/W
0x31
0x0D
00000000
0x00
Z-axis offset adjust



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com