Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8653FC Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MMA8653FC
Description  Xtrinsic MMA8653FC 3-Axis, 10-bit Digital Accelerometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8653FC Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MMA8653FC Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
MMA8653FC
Sensors
14
Freescale Semiconductor, Inc.
5.3
Low power modes vs. high resolution modes
The MMA8653FC can be optimized for lower power modes or for higher resolution of the output data. One of the oversampling
schemes of the data can activated when MODS = 10 in Register 0x2B, which will improve the resolution of the output data only.
The highest resolution is achieved at 1.56 Hz.
There is a trade-off between low power and high resolution. Low power can be achieved when the oversampling rate is
reduced. When MODS = 11, the lowest power is achieved. The lowest power is achieved when the sample rate is set to 1.56 Hz.
5.4
Auto-WAKE/SLEEP mode
The MMA8653FC can be configured to transition between sample rates (with their respective current consumption) based on
four of the interrupt functions of the device. The advantage of using the Auto-WAKE/SLEEP is that the system can automatically
transition to a higher sample rate (higher current consumption) when needed, but spends the majority of the time in the SLEEP
mode (lower current) when the device does not require higher sampling rates.
•
Auto-WAKE refers to the device being triggered by one of the interrupt functions to transition to a higher sample rate. This
may also interrupt the processor to transition from a SLEEP mode to a higher power mode.
•
SLEEP mode occurs after the accelerometer has not detected an interrupt for longer than the user-definable timeout period.
The device will transition to the specified lower sample rate. It may also alert the processor to go into a lower power mode, to
save on current during this period of inactivity.
The interrupts that can WAKE the device from SLEEP are the following: Orientation detection, and Freefall/Motion detection. The
interrupts that can keep the device from falling asleep are the same interrupts that can wake the device.
5.5
Freefall detection
MMA8653FC has a flexible interrupt architecture for detecting either a Freefall or a Motion.
•
Freefall can be enabled where the set threshold must be less than the configured threshold.
•
Motion can be enabled where the set threshold must be greater than the configured threshold.
8-bit Data
Range ±2g (15.6 mg)
Range ±4g (31.25 mg)
Range ±8g (62.5 mg)
0111 1111
1.984g
+3.968g
+7.937g
0111 1110
1.968g
+3.937g
+7.875g
……
…
…
0000 0001
+0.015g
+0.031g
+0.062g
0000 0000
0.000g
0.000g
0.000g
1111 1111
-0.015g
-0.031g
-0.062g
……
…
…
1000 0001
-1.984g
-3.968g
-7.937g
1000 0000
-2.000g
-4.000g
-8.000g
Table 9. Accelerometer 8-bit output data
8-bit Data
Range ±2g (15.6 mg)
Range ±4g (31.25 mg)
Range ±8g (62.5 mg)
0111 1111
1.9844g
+3.9688g
+7.9375g
0111 1110
1.9688g
+3.9375g
+7.8750g
……
…
…
0000 0001
+0.0156g
+0.0313g
+0.0625g
0000 0000
0.000g
0.0000g
0.0000g
1111 1111
-0.0156g
-0.0313g
-0.0625g
……
…
…
1000 0001
-1.9844g
-3.9688g
-7.9375g
1000 0000
-2.0000g
-4.0000g
-8.0000g
Table 8. Accelerometer 10-bit output data (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com