Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8653FC Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MMA8653FC
Description  Xtrinsic MMA8653FC 3-Axis, 10-bit Digital Accelerometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8653FC Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MMA8653FC Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
MMA8653FC
Sensors
Freescale Semiconductor, Inc.
15
The motion configuration has the option of enabling or disabling a high-pass filter to eliminate tilt data (static offset); the freefall
configuration does not use the high-pass filter.
MMA8653FC has an interrupt architecture for detecting a Freefall.
•
Freefall can be enabled where the set threshold must be less than the configured threshold.
The freefall configuration does not use a high-pass filter.
5.5.1
Freefall detection
The detection of “Freefall” involves the monitoring of the X, Y, and Z axes for the condition where the acceleration magnitude is
below a user-specified threshold for a user-definable amount of time. The usable threshold ranges are normally between
±100 mg and ±500 mg.
5.6
Orientation detection
The MMA8653FC incorporates an advanced algorithm for orientation detection (ability to detect all 6 orientations), with one
default trip point setting. The transition from portrait to landscape is at a fixed 45° threshold angle and at a fixed ±15° hysteresis
angle. This allows for smooth transition from portrait to landscape at approximately 30°, and then from landscape to portrait at
approximately 60°.
The MMA8653FC orientation detection algorithm confirms the reliability of the function with a configurable Z-lockout angle.
Based on the known functionality of linear accelerometers, it is not possible to rotate the device about the Z-axis, to detect change
in acceleration at slow angular speeds. The angle at which the device no longer detects the orientation change is referred to as
the “Z-lockout angle”. The device operates at a fixed 29° angle from the flat position, with an accuracy of ± 2°.
•
Figure 7 shows the definition of the orientations (PU, PD, LL, LR, BACK, FRONT).
•
Figure 8 shows the definitions of the trip angles, going from landscape to portrait and then from portrait to landscape.
Figure 7. Landscape/Portrait orientation
Top View
PU
Earth Gravity
Pin 1
X @ 0g
Y @ -1g
Z @ 0g
Xout @ 1g
Yout @ 0g
Zout @ 0g
Xout @ 0g
Yout @ 1g
Zout @ 0g
Xout @ -1g
Yout @ 0g
Zout @ 0g
LL
PD
LR
Side View
FRONT
Xout @ 0g
Yout @ 0g
Zout @ 1g
BACK
Xout @ 0g
Yout @ 0g
Zout @ -1g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com