Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8653FC Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MMA8653FC
Description  Xtrinsic MMA8653FC 3-Axis, 10-bit Digital Accelerometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8653FC Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MMA8653FC Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
MMA8653FC
Sensors
22
Freescale Semiconductor, Inc.
6.3
Data registers
The following are the data registers for the MMA8653FC. For more information about data manipulation of the MMA8653FC, see
application note, AN4083.
6.3.1
0x00: STATUS, Data Status Register
This register contains the X, Y, Z data overwrite and data ready flags.
Figure 15. 0x00: STATUS, Data Status Register (Read Only)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ZYXOW
ZOW
YOW
XOW
ZYXDR
ZDR
YDR
XDR
Table 13. STATUS register bits
Field
Description
ZYXOW
X, Y, Z-axis Data Overwrite. Default value: 0
ZYXOW is set whenever a new acceleration data is produced before completing the retrieval of the previous set. This event
occurs when the content of at least one acceleration data register (i.e., OUT_X, OUT_Y, OUT_Z) has been overwritten.
ZYXOW is cleared when the high-bytes of the acceleration data (OUT_X_MSB, OUT_Y_MSB, OUT_Z_MSB) of all the
channels are read.
0: No data overwrite has occurred
1: Previous X, Y, or Z data was overwritten by new X, Y, or Z data before it was read
ZOW
Z-axis Data Overwrite. Default value: 0
ZOW is set whenever a new acceleration sample related to the Z-axis is generated before the retrieval of the previous
sample. When this occurs the previous sample is overwritten. ZOW is cleared anytime OUT_Z_MSB register is read.
0: No data overwrite has occurred
1: Previous Z-axis data was overwritten by new Z-axis data before it was read
YOW
Y-axis Data Overwrite. Default value: 0
YOW is set whenever a new acceleration sample related to the Y-axis is generated before the retrieval of the previous
sample. When this occurs the previous sample is overwritten. YOW is cleared anytime OUT_Y_MSB register is read.
0: No data overwrite has occurred
1: Previous Y-axis data was overwritten by new Y-axis data before it was read
XOW
X-axis Data Overwrite. Default value: 0
XOW is set whenever a new acceleration sample related to the X-axis is generated before the retrieval of the previous
sample. When this occurs the previous sample is overwritten. XOW is cleared any time OUT_X_MSB register is read.
0: No data overwrite has occurred
1: Previous X-axis data was overwritten by new X-axis data before it was read
ZYXDR
X, Y, Z-axis new Data Ready. Default value: 0
ZYXDR signals that a new sample for any of the enabled channels is available. ZYXDR is cleared when the high-bytes of
the acceleration data (OUT_X_MSB, OUT_Y_MSB, OUT_Z_MSB) of all the channels are read.
0: No new set of data ready
1: A new set of data is ready
ZDR
Z-axis new Data Available. Default value: 0
ZDR is set whenever a new acceleration sample related to the Z-axis is generated. ZDR is cleared any time OUT_Z_MSB
register is read.
0: No new Z-axis data is ready
1: A new Z-axis data is ready
YDR
Y-axis new Data Available. Default value: 0
YDR is set whenever a new acceleration sample related to the Y-axis is generated. YDR is cleared any time OUT_Y_MSB
register is read.
0: No new Y-axis data ready
1: A new Y-axis data is ready
XDR
X-axis new Data Available. Default value: 0
XDR is set whenever a new acceleration sample related to the X-axis is generated. XDR is cleared any time OUT_X_MSB
register is read.
0: No new X-axis data ready
1: A new X-axis data is ready



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com