Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8653FC Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MMA8653FC
Description  Xtrinsic MMA8653FC 3-Axis, 10-bit Digital Accelerometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8653FC Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MMA8653FC Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
MMA8653FC
Sensors
16
Freescale Semiconductor, Inc.
Figure 8. Landscape to Portrait transition
Figure 9 shows the Z-angle lockout region.
.
Figure 9. Z-Tilt angle lockout transition
5.7
Interrupt register configurations
There are 4 configurable interrupts in the MMA8653FC: Data Ready, Motion/Freefall, Orientation, and Auto-SLEEP events.
Figure 10. System interrupt generation
PORTRAIT
Landscape to Portrait
90
°
Trip Angle = 60
°
0° Landscape
PORTRAIT
Portrait to Landscape
90
°
Trip Angle = 30
°
0° Landscape
UPRIGHT
NORMAL
90
°
Z-LOCK = 29°
0° FLAT
DETECTION
REGION
LOCKOUT
REGION
When lifting the device upright from the
flat position, the device will be active for
orientation detection as low as 29° from 0°
flat. This is the only setting available.
Interrupt
Controller
Data Ready
Motion/Freefall
Orientation
Auto-SLEEP
INT ENABLE
INT CFG
INT1
INT2
77
4 configurable interrupts
These 4 interrupt sources can be
routed to one of two interrupt pins.
The interrupt source must be enabled
and configured.
If the event flag is asserted because
the event condition is detected, then
the corresponding interrupt pin (INT1
or INT2) will assert.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com