Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8653FC Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MMA8653FC
Description  Xtrinsic MMA8653FC 3-Axis, 10-bit Digital Accelerometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8653FC Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MMA8653FC Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
MMA8653FC
Sensors
12
Freescale Semiconductor, Inc.
4
Modes of Operation
Figure 6. Operating modes for MMA8653FC
Some registers are reset when transitioning from STANDBY to ACTIVE. These registers are all noted in the device memory map
register table.
The SLEEP and WAKE modes are ACTIVE modes. For more information about how to use the SLEEP and WAKE modes and
how to transition between these modes, see Section 5, “Functionality”.
Table 7. Operating modes
Mode
I2C Bus State
VDD
VDDIO
Description
OFF
Powered Down
<1.8V
VDDIO Can be > VDD
• The device is powered off.
• All analog and digital blocks are shutdown.
•I2C bus inhibited.
STANDBY
I2C communication with
MMA8653FC is possible
ON
VDDIO = High
VDD = High
ACTIVE bit is cleared
• Only digital blocks are enabled.
• Analog subsystem is disabled.
• Internal clocks disabled.
ACTIVE
(WAKE/SLEEP)
I2C communication with
MMA8653FC is possible
ON
VDDIO = High
VDD = High
ACTIVE bit is set
All blocks are enabled (digital, analog).
SLEEP
WAKE
STANDBY
OFF
ACTIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com