Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8653FC Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MMA8653FC
Description  Xtrinsic MMA8653FC 3-Axis, 10-bit Digital Accelerometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8653FC Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MMA8653FC Datasheet HTML 32Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 33Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 34Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
MMA8653FC
Sensors
36
Freescale Semiconductor, Inc.
6.6.4
0x17: FF_MT_THS, Freefall and Motion Threshold Register
FF_MT_THS is the threshold register used to detect freefall motion events.
•
The unsigned 7-bit FF_MT_THS threshold register holds the threshold for the freefall detection where the magnitude of
the X and Y and Z acceleration values is lower than the threshold value.
•
Conversely, the FF_MT_THS also holds the threshold for the motion detection where the magnitude of the X or Y or Z
acceleration value is higher than the threshold value.
Figure 34. 0x17: FF_MT_THS, Freefall and Motion Threshold Register (Read/Write)
The threshold resolution is 0.063g/LSB and the threshold register has a range of 0 to 127 counts. The maximum range is to 8g.
Note that even when the full scale value is set to 2g or 4g the motion detects up to 8g.
DBCNTM bit configures the way in which the debounce counter is reset when the inertial event of interest is momentarily not true.
•
When DBCNTM bit is ‘1’, the debounce counter is cleared to 0 whenever the inertial event of interest is no longer true as
shown in Figure 36 "DBCNTM bit function", (b).
•
While the DBCNTM bit is set to logic ‘0’, the debounce counter is decremented by 1 whenever the inertial event of interest
is no longer true (Figure 36 "DBCNTM bit function", (c)) until the debounce counter reaches 0 or the inertial event of interest
becomes active.
Decrementing the debounce counter acts as a median enabling the system to filter out irregular spurious events which might
impede the detection of inertial events.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DBCNTM
THS6
THS5
THS4
THS3
THS2
THS1
THS0
Table 26. FF_MT_THS Bit Descriptions
Field
Description
DBCNTM
Debounce counter mode selection. Default value: 0.
0: increments or decrements debounce, 1: increments or clears counter.
THS[7:1]
Freefall /Motion Threshold: Default value: 000_0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com