Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8653FC Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MMA8653FC
Description  Xtrinsic MMA8653FC 3-Axis, 10-bit Digital Accelerometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8653FC Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MMA8653FC Datasheet HTML 31Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 32Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 33Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 34Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
MMA8653FC
Sensors
Freescale Semiconductor, Inc.
35
6.6.3
0x16: FF_MT_SRC, Freefall/Motion Source Status Register
This register keeps track of the acceleration event which is triggering (or has triggered, in case of ELE bit in FF_MT_CFG register
being set to 1) the event flag. In particular EA is set to a logic ‘1’ when the logical combination of acceleration events flags
specified in FF_MT_CFG register is true. This bit is used in combination with the values in INT_EN_FF_MT and
INT_CFG_FF_MT register bits to generate the freefall/motion interrupts.
An X,Y, or Z motion is true when the acceleration value of the X or Y or Z channel is higher than the preset threshold value defined
in the FF_MT_THS register.
Conversely an X, Y, and Z low event is true when the acceleration value of the X and Y and Z channel is lower than the preset
threshold value defined in the FF_MT_THS register.
Figure 33. 0x16: FF_MT_SRC, Freefall and Motion Source Status Register (Read Only)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
EA
0
ZHE
ZHP
YHE
YHP
XHE
XHP
Table 25. FF_MT_SRC register
Field
Description
EA
Event Active Flag. Default value: 0.
0: No event flag has been asserted
1: One or more event flag has been asserted.
See the description of the OAE bit to determine the effect of the 3-axis event flags on the EA bit.
ZHE
Z Motion Flag. Default value: 0.
0: No Z Motion event detected
1: Z Motion has been detected
This bit reads always zero if the ZEFE control bit is set to zero
ZHP
Z Motion Polarity Flag. Default value: 0.
0: Z event was Positive g,
1: Z event was Negative g
This bit read always zero if the ZEFE control bit is set to zero
YHE
Y Motion Flag. Default value: 0.
0: No Y Motion event detected
1: Y Motion has been detected
This bit read always zero if the YEFE control bit is set to zero
YHP
Y Motion Polarity Flag. Default value: 0
0: Y event detected was Positive g
1: Y event was Negative g
This bit reads always zero if the YEFE control bit is set to zero
XHE
X Motion Flag. Default value: 0
0: No X Motion event detected
1: X Motion has been detected
This bit reads always zero if the XEFE control bit is set to zero
XHP
X Motion Polarity Flag. Default value: 0
0: X event was Positive g
1: X event was Negative g
This bit reads always zero if the XEFE control bit is set to zero



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com