Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8653FC Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MMA8653FC
Description  Xtrinsic MMA8653FC 3-Axis, 10-bit Digital Accelerometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8653FC Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MMA8653FC Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
MMA8653FC
Sensors
8
Freescale Semiconductor, Inc.
2.2
Mechanical characteristics
Table 4. Mechanical characteristics at VDD = 2.5V, VDDIO = 1.8V, T = 25°C unless otherwise noted
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Measurement Range
FS[1:0] set to 00
2g Mode
FS
±2
g
FS[1:0] set to 01
4g Mode
±4
FS[1:0] set to 10
8g Mode
±8
Sensitivity
FS[1:0] set to 00
2g Mode
So
256
counts/g
FS[1:0] set to 01
4g Mode
128
FS[1:0] set to 10
8g Mode
64
Sensitivity Accuracy
Soa
±2.64
%
Sensitivity Change vs. Temperature
FS[1:0] set to 00
2g Mode
TCSo
±0.04
%/°C
FS[1:0] set to 01
4g Mode
FS[1:0] set to 10
8g Mode
Zero-g Level Offset Accuracy(1)
1. Before board mount.
FS[1:0] 2g, 4g, 8g
TyOff
±40
mg
Zero-g Level Offset Accuracy Post-Board Mount(2)
2. Post-board mount offset specifications are based on an 8-layer PCB, relative to 25°C.
FS[1:0] 2g, 4g, 8g
TyOffPBM
±60
mg
Zero-g Level Change vs. Temperature
-40°C to 85°C
TCOff
±0.3
mg/°C
Self-Test Output Change(3)
X
Y
Z
3. Self-Test is one direction only.
FS[1:0] set to 0
4g Mode
Vst
50
50
50
LSB
ODR Accuracy
2 MHz Clock
-20
+20
%
Output Data Bandwidth
BW
ODR/3
ODR/2
Hz
Output Noise
Normal Mode ODR = 400 Hz
Noise
216
µg/
√Hz
Operating Temperature Range
Top
-40
+85
°C
Package weight
TBD
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com