Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8653FC Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MMA8653FC
Description  Xtrinsic MMA8653FC 3-Axis, 10-bit Digital Accelerometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8653FC Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MMA8653FC Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 40Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 41Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 42Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
MMA8653FC
Sensors
Freescale Semiconductor, Inc.
39
6.7
Auto-WAKE/SLEEP Detection
6.7.1
0x29: ASLP_COUNT, Auto-WAKE/SLEEP Detection Register (Read/Write)
The ASLP_COUNT register sets the minimum time period of inactivity required to change the current ODR value, from the value
specified in the DR[2:0] register to ASLP_RATE register value, provided that the SLPE bit is set to a logic ‘1’ in the CTRL_REG2
register. See Table 30, “ASLP_COUNT Relationship with ODR" for functional blocks that may be monitored for inactivity in order
to trigger the “return to SLEEP” event.
Figure 37. 0x29: ASLP_COUNT Auto-WAKE/SLEEP Detection Register (Read/Write)
D7-D0 defines the minimum duration time to change current ODR value from DR to ASLP_RATE. Time step and maximum value
depend on the ODR chosen as shown in Table 30, “ASLP_COUNT Relationship with ODR".
In order to wake the device, the desired functions must be enabled in CTRL_REG4 and set to WAKE from SLEEP in
CTRL_REG3. All enabled functions will still function in SLEEP mode at the SLEEP ODR. Only the functions that have been
selected for WAKE from SLEEP will WAKE the device.
MMA8653FC has 2 functions that can be used to keep the sensor from falling asleep namely, Orientation, and Motion/Freefall.
One or more of these functions can be enabled. To WAKE the device, 2 functions are provided : Orientation, and the Motion/
Freefall. The Auto-WAKE/SLEEP interrupt does not affect the WAKE/SLEEP, nor does the data ready interrupt.
If the Auto-SLEEP bit is disabled, then the device can only toggle between STANDBY and WAKE mode. If Auto-SLEEP interrupt
is enabled, transitioning from ACTIVE mode to Auto-SLEEP mode and vice versa generates an interrupt.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
D7
D6
D5
D4
D3
D2
D1
D0
Table 29. ASLP_COUNT register
Field
Description
D[7:0]
Duration value. Default value: 0000_0000.
Table 30. ASLP_COUNT Relationship with ODR
Output Data Rate
(ODR)
Duration
ODR Time
Step
ASLP_COUNT
Step
800 Hz
0 to 81s
1.25 ms
320 ms
400 Hz
0 to 81s
2.5 ms
320 ms
200 Hz
0 to 81s
5 ms
320 ms
100 Hz
0 to 81s
10 ms
320 ms
50 Hz
0 to 81s
20 ms
320 ms
12.5 Hz
0 to 81s
80 ms
320 ms
6.25 Hz
0 to 81s
160 ms
320 ms
1.56 Hz
0 to 162s
640 ms
640 ms
Table 31. SLEEP/WAKE Mode Gates and Triggers
Interrupt Source
Event restarts timer and
delays Return to SLEEP
Event will WAKE from SLEEP
SRC_LNDPRT
Yes
Yes
SRC_FF_MT
Yes
Yes
SRC_ASLP
No
No
SRC_DRDY
No
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com