Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8653FC Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MMA8653FC
Description  Xtrinsic MMA8653FC 3-Axis, 10-bit Digital Accelerometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8653FC Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MMA8653FC Datasheet HTML 29Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 30Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 31Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 32Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 33Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 34Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
MMA8653FC
Sensors
Freescale Semiconductor, Inc.
33
6.6
Motion and Freefall embedded function registers
The freefall/motion function can be configured in either Freefall or Motion Detection mode via the OAE configuration bit (0x15:
FF_MTG_CFG, bit 6). The freefall/motion detection block can be disabled by setting all three bits ZEFE, YEFE, and XEFE to zero.
Depending on the register bits ELE (0x15: FF_MTG_CFG, bit 7) and OAE (0x15: FF_MTG_CFG, bit 6), each of the freefall and
motion detection block can operate in four different modes:
6.6.1
Motion and freefall mode
6.6.1.1
Mode 1: Freefall Detection with ELE = 0, OAE = 0
In this mode, the EA bit (0x16: FF_MTG_SRC, bit 7) indicates a freefall event after the debounce counter is complete.
The ZEFE, YEFE, and XEFE control bits determine which axes are considered for the freefall detection. Once the EA
bit is set, and DBCNTM = 0, the EA bit can get cleared only after the delay specified by FF_MT_COUNT. This is
because the counter is in decrement mode. If DBCNTM = 1, the EA bit is cleared as soon as the freefall condition
disappears, and will not be set again before the delay specified by FF_MT_COUNT has passed. Reading the
FF_MT_SRC register does not clear the EA bit. The event flags (0x16) ZHE, ZHP, YHE, YHP, XHE, and XHP reflect
the motion detection status (i.e. high g event) without any debouncing, provided that the corresponding bits ZEFE,
YEFE, and/or XEFE are set.
6.6.1.2
Mode 2: Freefall Detection with ELE = 1, OAE = 0
In this mode, the EA event bit indicates a freefall event after the debounce counter. Once the debounce counter
reaches the time value for the set threshold, the EA bit is set, and remains set until the FF_MT_SRC register is read.
When the FF_MT_SRC register is read, the EA bit and the debounce counter are cleared and a new event can only be
generated after the delay specified by FF_MT_CNT. The ZEFE, YEFE, and XEFE control bits determine which axes
are considered for the freefall detection. While EA = 0, the event flags ZHE, ZHP, YHE, YHP, XHE, and XHP reflect the
motion detection status (i.e., high g event) without any debouncing, provided that the corresponding bits ZEFE, YEFE,
and/or XEFE are set. The event flags ZHE, ZHP, YHE, YHP, XHE, and XHP are latched when the EA event bit is set.
The event flags ZHE, ZHP, YHE, YHP, XHE, and XHP will start changing only after the FF_MT_SRC register has been
read.
6.6.1.3
Mode 3: Motion Detection with ELE = 0, OAE = 1
In this mode, the EA bit indicates a motion event after the debounce counter time is reached. The ZEFE, YEFE, and
XEFE control bits determine which axes are taken into consideration for motion detection. Once the EA bit is set, and
DBCNTM = 0, the EA bit can get cleared only after the delay specified by FF_MT_COUNT. If DBCNTM = 1, the EA bit
is cleared as soon as the motion high g condition disappears.
The event flags ZHE, ZHP, YHE, YHP, XHE, and XHP reflect the motion detection status (i.e., high g event) without
any debouncing, provided that the corresponding bits ZEFE, YEFE, and/or XEFE are set. Reading the FF_MT_SRC
does not clear any flags, nor is the debounce counter reset.
6.6.1.4
Mode 4: Motion Detection with ELE = 1, OAE = 1
In this mode, the EA bit indicates a motion event after debouncing. The ZEFE, YEFE, and XEFE control bits determine
which axes are taken into consideration for motion detection. Once the debounce counter reaches the threshold, the
EA bit is set, and remains set until the FF_MT_SRC register is read. When the FF_MT_SRC register is read, all
register bits are cleared and the debounce counter are cleared and a new event can only be generated after the delay
specified by FF_MT_CNT.
While the bit EA is zero, the event flags ZHE, ZHP, YHE, YHP, XHE, and XHP reflect the motion detection status (i.e.,
high g event) without any debouncing, provided that the corresponding bits ZEFE, YEFE, and/or XEFE are set. When
the EA bit is set, these bits keep their current value until the FF_MT_SRC register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com