Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8653FC Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MMA8653FC
Description  Xtrinsic MMA8653FC 3-Axis, 10-bit Digital Accelerometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8653FC Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MMA8653FC Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
MMA8653FC
Sensors
18
Freescale Semiconductor, Inc.
3.
Next the Master (or MCU) transmits the address of the register to read, and the MMA8653FC sends an
acknowledgement.
4.
The Master (or MCU) transmits a repeated start condition (SR) and then addresses the MMA8653FC (0x1D), with the R/
W bit set to “1” for a read from the previously selected register.
5.
The Slave then acknowledges and transmits the data from the requested register. The Master does not acknowledge
(NAK) the transmitted data, but transmits a stop condition to end the data transfer.
Figure 11. Single Byte Read timing (I2C)
For the following subsections, use the following legend.
5.8.2
Multiple byte read
(See Table 11, “I2C Device address sequence" for next auto-increment address.)
1.
When performing a multi-byte read or “burst read”, the MMA8653FC automatically increments the received register
address commands after a read command is received.
2.
After following the steps of a single byte read, multiple bytes of data can be read from sequential registers after each
MMA8653FC acknowledgment (AK) is received,
3.
Until a no acknowledge (NAK) occurs from the Master,
4.
Followed by a stop condition (SP), which signals the end of transmission.
Figure 12. Multiple Byte Read timing (I2C)
5.8.3
Single byte write
1.
To start a write command, the Master transmits a start condition (ST) to the MMA8653FC, slave address ($1D) with the
R/W bit set to “0” for a write,
2.
The MMA8653FC sends an acknowledgement.
3.
Next the Master (MCU) transmits the address of the register to write to, and the MMA8653FC sends an
acknowledgement.
4.
Then the Master (or MCU) transmits the 8-bit data to write to the designated register, and the MMA8653FC sends an
acknowledgement that it has received the data. Because this transmission is complete, the Master transmits a stop
condition (SP) to the data transfer. The data sent to the MMA8653FC is now stored in the appropriate register.
Master
ST Device Address[7:1]
W
Register
Address[7:0]
SR Device Address[7:1]
R
NAK
SP
Slave
AK
AK
AK
Data[7:0]
Legend
ST: Start Condition
SP: Stop Condition
NAK: No Acknowledge
W: Write = 0
SR: Repeated Start Condition
AK: Acknowledge
R: Read = 1
Master
ST
Device Address[7:1]
W
Register Address[7:0]
SR Device Address[7:1] R
AK
Slave
AK
AK
AK
Data[7:0]
Master
AK
AK
NAK
SP
Slave
Data[7:0]
Data[7:0]
Data[7:0]
Master
ST Device Address[7:1]
W
Register Address[7:0]
Data[7:0]
SP
Slave
AK
AK
AK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com