Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8653FC Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MMA8653FC
Description  Xtrinsic MMA8653FC 3-Axis, 10-bit Digital Accelerometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8653FC Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MMA8653FC Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
MMA8653FC
Sensors
Freescale Semiconductor, Inc.
11
3
Terminology
3.1
Sensitivity
The sensitivity is represented in counts/g.
•
In 2g mode, sensitivity = 256 counts/g.
•
In 4g mode, sensitivity = 128 counts/g.
•
In 8g mode, sensitivity = 64 counts/g.
3.2
Zero-g offset
Zero-g Offset (TyOff) describes the deviation of an actual output signal from the ideal output signal if the sensor is stationary. A
sensor stationary on a horizontal surface will measure 0g in X-axis and 0g in Y-axis, whereas the Z-axis will measure 1g. The
output is ideally in the middle of the dynamic range of the sensor (content of OUT Registers 0x00, data expressed as a 2's
complement number). A deviation from ideal value in this case is called Zero-g offset.
Offset is to some extent a result of stress on the MEMS sensor, and therefore the offset can slightly change after mounting the
sensor onto a printed circuit board or after exposing it to extensive mechanical stress.
3.3
Self-Test
Self-Test can be used to verify the transducer and signal chain functionality without the need to apply external mechanical
stimulus.
When Self-Test is activated:
•
An electrostatic actuation force is applied to the sensor, simulating a small acceleration. In this case, the sensor outputs will
exhibit a change in their DC levels which, are related to the selected full scale through the device sensitivity.
•
The device output level is given by the algebraic sum of the signals produced by the acceleration acting on the sensor and by
the electrostatic test-force.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com