Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA8653FC Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MMA8653FC
Description  Xtrinsic MMA8653FC 3-Axis, 10-bit Digital Accelerometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8653FC Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MMA8653FC Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA8653FC Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
MMA8653FC
Sensors
Freescale Semiconductor, Inc.
9
2.3
Electrical characteristics
Table 5. Electrical characteristics at VDD = 2.5V, VDDIO = 1.8V, T = 25°C unless otherwise noted
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Supply Voltage
VDD(1)
1. There is no requirement for power supply sequencing. The VDDIO input voltage can be higher than the VDD input voltage.
1.95
2.5
3.6
V
Interface Supply Voltage
VDDIO(1)
1.62
1.8
3.6
V
Low Power Mode
ODR = 1.56 Hz
IddLP
6
μA
ODR = 12.5 Hz
6
ODR = 50 Hz
14
ODR = 100 Hz
24
ODR = 200 Hz
44
ODR = 400 Hz
85
ODR = 800 Hz
165
Normal Mode
ODR = 1.56 Hz
Idd
24
μA
ODR = 12.5 Hz
24
ODR = 50 Hz
24
ODR = 100 Hz
44
ODR = 200 Hz
85
ODR = 400 Hz
165
ODR = 800 Hz
165
Current during Boot Sequence,
0.5 mSec max duration using recommended
Bypass Cap
VDD = 2.5V
Idd Boot
1
mA
Value of Capacitor on BYP Pin
-40°C to 85°C
Cap
75
100
470
nF
STANDBY Mode Current at 25°C
VDD = 2.5V, VDDIO = 1.8V
STANDBY Mode
IddStby
1.8
5
μA
STANDBY Mode Current over temperature
range
VDD = 2.5V, VDDIO = 1.8V
STANDBY Mode
IddStby
TBD
TBD
μA
Digital High Level Input Voltage
SCL, SDA
VIH
0.75*VDDIO
V
Digital Low Level Input Voltage
SCL, SDA
VIL
0.3*VDDIO
V
High Level Output Voltage
INT1, INT2
IO = 500 μA
VOH
0.9*VDDIO
V
Low Level Output Voltage
INT1, INT2
IO = 500 μA
VOL
0.1*VDDIO
V
Low Level Output Voltage
SDA
IO = 500 μA
VOLS
0.1*VDDIO
V
Output Source Current
Voltage high level
VOUT = 0.75 x VDD,
VDD = 2.5V
Isource
3mA
Output Sink Current
Voltage high level
VOUT = 0.25 x VDD,
VDD = 2.5V
Isink
3mA
Power-on Ramp Time
Tpu
0.001
1000
ms
Time from VDDIO on and VDD > Vmin until I2C
is ready for operation
Cbyp = 100 nF
BT
350
500
µs
Turn-on time
(STANDBY to first sample available)
Ton
2/ODR + 1(2)
ms
Turn-on time
(Power down to first sample available)
Ton
2/ODR + 2(2)
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com