Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW38-2G Datasheet(PDF) 65 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW38-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW38-2G Datasheet(HTML) 65 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW38-2G Datasheet HTML 61Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 62Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 63Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 64Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 65Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 66Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 67Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 68Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 69Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 116 page
background image
65
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
TO-126 Heat Sinks
ORDERING INFORMATION
5775
Slip on heat sink
Slip on heat sink requires no
hardware to attach to the device.
Spring pressure ensures excellent
retention. May be assembled
before or after the device is
attached to the board.
19.81
(0.780)
13.21
(0.520)
0.63
(0.025)
8.13
(0.320)
7.87
(0.310)
10.67
(0.420)
Part Number
Finish
577500B00000G
Black anodize
577500U00000G
Unfinished
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
20
0
20
40
60
80
100
01
2
3
4
5
16
12
4
8
0
0
400
200
600
800
1000
Material: 0.63 (0.025) Thick Aluminum
Finish: See Table
ORDERING INFORMATION
TV4
Narrow channel style heat sink featuring twisted fins
Narrow channel style heat
sink features twisted fins
for increased air turbulance for
better cooling. Can be mounted
horizontally or vertically.
19.00
(0.749)
13.40
(0.528)
22.00
(0.866)
19.00
(0.749)
CL
4.00
(0.158)
Part Number
Description
TV4G
Narrow channel style heat sink with twisted fins
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
20
0
20
40
60
80
100
01
2
3
4
5
16
12
4
8
0
0
400
200
600
800
1000
Material: 1.63 (0.064) Thick Aluminum
Finish: Black Anodize
Grease
Epoxy
&
page112
Mounting
Kits
page 99
ORDERING INFORMATION
PF730, PF732
Slip on heat sink
Slip on heat sink has locating
features for simple device align-
ment. Spring action holds the
device for good thermal contact.
The tabbed version is made from
tin plated copper and the no tab
version is lightweight aluminum.
1.30
(0.511)
3.40
(0.139)
8.10
(0.319)
13.20
(0.520)
3.20
(0.126)
8.60
(0.338)
17.90
(0.705)
11.50
(0.453)
4.00
(0.157)
11.50
(0.453)
3.00
(0.118)
13.20
(0.520)
4.00
(0.157)
8.60
(0.338)
8.10
(0.319)
19.70
(0.775)
3.00
(0.118)
TAB
Part Number
Description
Material
Finish
Figure
PF730G
Slip on heat sink
Aluminum
Black anodize
B
PF732G
With solderable tabs
Copper
Tin plated
A
Air VelocityFeet Per Minute
Heat DissipatedWatts
50
0
20
40
60
80
100
01
2
3
4
5
40
30
10
20
0
0
400
200
600
800
1000
FIGURE A
FIGURE B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com