Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW38-2G Datasheet(PDF) 89 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW38-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW38-2G Datasheet(HTML) 89 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW38-2G Datasheet HTML 85Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 86Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 87Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 88Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 89Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 90Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 91Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 92Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 93Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 116 page
background image
89
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886 (2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
Wave-On
TM Mounts
Wave-OnTM Mounts
"D"
"C"
"B"
"A"
7.92
(0.312)
Ordering code
Model
“A” Dim
“B” Dim
“C” Dim
“D” Dim
01
E
4.32 (0.170)
2.54 (0.100)
2.54 (0.100)
0.96 (0.038)
#6-32
02
EA
3.43 (0.135)
2.54 (0.100)
2.54 (0.100)
0.96 (0.038)
#4-40
03
EG
3.43 (0.135)
2.54 (0.100)
1.14 (0.045)
0.96 (0.038)
#4-40
04
EH
4.32 (0.170)
3.43 (0.135)
2.54 (0.100)
0.96 (0.038)
#6-32
05
EK
4.32 (0.170)
2.54 (0.100)
1.14 (0.045)
0.96 (0.038)
#6-32
07
EM
4.32 (0.170)
2.54 (0.100)
2.54 (0.100)
0.96 (0.038)
3.5MM
09
ER
4.32 (0.170)
2.54 (0.100)
5.08 (0.200)
0.96 (0.038)
#6-32
Solderable mounts can be factory installed to practically
every board-mountable heat sink and flat sided extrusion.
The female threaded through holes permit pre-assembly
to the semiconductor via machine screws , allowing the
heat sink/semiconductor package to be treated as one unit
when fitted in PC board through holes for wave soldering.
Threaded
thru holes
PCB
thickness “T”
Model
EA, EG
3.68 (0.145)
1.57 (0.062)
E, EK, EM, ER
4.75 (0.187)
1.57 (0.062)
EH
4.75 (0.187)
2.29 (0.090)
Dia of PCB plated
thru hole
ORDERING INFORMATION
example part
FEATURES
Saves production time and cost
• Cuts production steps by half
• Factory installation eliminates steps
• Permits soldering in one step
• All the benefits of female threaded mount
• Automated fastening
• Excellent solderability
Better thermal performance
• Built in stand-off adds air space between PCB
and heat sink for improved air flow and easier
cleaning
• No lockwashers, nuts or separate
mounts with various thread lengths
574802B0 _ _ 00G
Ordering code
DIM "C"
STAND-OFF LENGTH
DIM "T"
PC BOARD
HEAT SINK
Typical Wave-On
TM mount installation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com