Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW38-2G Datasheet(PDF) 61 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW38-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW38-2G Datasheet(HTML) 61 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW38-2G Datasheet HTML 57Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 58Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 59Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 60Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 61Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 62Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 63Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 64Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 65Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 116 page
background image
61
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
6374
Extruded heat sink for SIP packages
Extruded heat sink for SIP
packages. Solderable pins
allow vertical mounting
without stress on the device
leads. Can also be used for
dual TO-220, TO-218, TO-247,
and multiwatt devices.
3.96
(0.156)
2.18
(0.086)
31.75
(1.250)
38.10
(1.500)
2.92
(0.115)
17.50
(0.689)
32.00
(1.260)
16.00
(0.630)
8.00
(0.315)
DETAIL A
SEE DETAIL A
24.38
(0.960)
59.99
(2.362)
17.78
(0.700)
3.81
(0.150)
ø
2X
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
5
0
20
40
60
80
100
02
4
6
8
10
4
3
1
2
0
0
400
200
600
800
1000
Material: Aluminum
Finish: Black Anodize
ORDERING INFORMATION
Part Number
Description
6374BG
Extruded heat sink with solderable pins
2.89 (0.114)
Dia of PCB
Plated Thru
Hole for Pins
YB32-4
High power flat back extruded channel style heat sink
High power flat back extruded channel
style heat sink features a wide channel
to accommodate several devices. Includes
two solderable pins to allow vertical
mounting without stress on the device
leads. Can be used with TO-220, TO-218,
TO-247, and multiwatt devices.
2X 3.00
(0.118)
19.00
(0.748)
4.00
(0.157)
38.30
(1.508)
Ø 3.10
(0.122)
THRU
16.00
(0.630)
32.00
(1.260)
4.70
(0.185)
60.00
(2.362)
2X
32.00
(1.260)
8.00
(0.315)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
0
2
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
Material: Aluminum
Finish: Black Anodize
ORDERING INFORMATION
Part Number
Description
YB32-4G
High power flat back extruded heat sink
3.48 (0.137)
TO-220 & TO-218 & TO-247 & Multiwatt Heat Sinks
5810, 5811, 5812
Flat back extruded heat sink featuring solderable pins
Flat back extruded heat sink features
solderable pins which allow vertical
mounting without stess on the device
leads. Available in three heights for
TO-220 and TO-218 devices.
10.29
(0.405)
TYP 2
2.36
(0.093)
3.96
(0.156)
8.13
(0.320)
16.26
(0.640)
"A"
16.26
(0.640)
3.45
(0.136)
#6 - 32 UNC THRU
"B"
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
01
2
3
4
5
8
6
2
4
0
0
400
200
600
800
1000
58110X
58100X
58120X
Material: Aluminum
Finish: Black Anodize
ORDERING INFORMATION
Part Number
Device
“A” Dim
“B” Dim
581001B02500G
TO-218
25.40 (1.000)
21.59 (0.850)
2.67 (0.105)
581002B02500G
TO-220
25.40 (1.000)
18.29 (0.720)
2.67 (0.105)
581101B02500G
TO-218
38.10 (1.500)
21.59 (0.850)
2.67 (0.105)
581102B02500G
TO-220
38.10 (1.500)
18.29 (0.720)
2.67 (0.105)
581201B02500G
TO-218
50.80 (2.000)
21.59 (0.850)
2.67 (0.105)
581202B02500G
TO-220
50.80 (2.000)
18.29 (0.720)
2.67 (0.105)
Dia of PCB
Plated Thru
Hole for Pins
For additional options see page 85
For additional options see page 83
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Dia of PCB
Plated Thru
Hole for Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com