Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW38-2G Datasheet(PDF) 100 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW38-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW38-2G Datasheet(HTML) 100 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW38-2G Datasheet HTML 96Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 97Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 98Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 99Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 100Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 101Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 102Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 103Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 104Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 116 page
background image
100
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886 (2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
• Available in nylon or polyphenylene sulfide
• Chemically inert [no known solvents under 200°C (392°F)]
• Maximum recommended service temperature of 260°C (500°F)
• Recommended torque is 0.565Nm to 0.678Nm (5 to 6 inch-pounds)
on all shoulder washers except –7, which has recommended torque
of 0.452Nm (4 inch-pounds)
"A"
"E"
"D"
DIA
"B"
"C"
Shoulder
Washer
Note: A single gate extension, not to exceed 0.64 (0.025) in length, is allowable on the outside of all shoulder washers.
* Design allows insertion in the tab of a TO-220.
** Also for M3 screw.
Material is nylon type 6
FIGURE A
"A"
5.59
(0.220)
"E"
DIA
FIGURE B
"A"
"B"
0.33
(0.013)
"C"
"D"
"E"
Insulating Shoulder Washers
Polyphenylene Sulfide PPS Shoulder Washers
Nylon Shoulder Washers
Part number
“A” Dim
“B” Dim
“C" Dim
"D" Dim
"E" Dim
Screw size
Figure
7721-1PPSG
7.11 (0.280)
3.18 (0.125)
1.07 (0.042)
2.84 (0.112)
3.81 (0.150)
4
A
7721-2PPSG
7.11 (0.280)
4.70 (0.185)
1.07 (0.042)
2.84 (0.112)
3.81 (0.150)
4
A
7721-3PPSG
7.11 (0.280)
3.18 (0.125)
1.07 (0.042)
2.84 (0.112)
3.56 (0.140)
4
A
7721-5PPSG
7.92 (0.312)
0.79 (0.031)
1.19 (0.047)
3.66 (0.144)
4.50 (0.177)
6
A
7721-6PPSG
7.11 (0.280)
0.79 (0.031)
1.19 (0.047)
3.00 (0.118)
3.68 (0.145)
4
A
7721-7PPSG*
5.46 (0.215)
0.81 (0.032)
1.02 (0.040)
2.95 (0.116)
3.43 (0.135)
4
A
7721-10PPSG
7.62 (0.300)
2.41 (0.095)
1.40 (0.055)
2.97 (0.117)
3.56 (0.140)
4
B
Part number
“A” Dim
“B” Dim
"C" Dim
"D" Dim
"E" Dim
7721-11NG
7.80/8.05 (0.307/0.317)
2.87/3.00 (0.113/0.118)
3.56/3.81 (0.140/0.150)
3.76/3.89 (0.148/0.153)
1.09/1.35 (0.043/0.053)
7721-13NG
5.89/6.05 (0.232/0.238)
2.87/3.00 (0.113/0.118)
N/A
3.43/3.56 (0.135/0.140)
1.19/1.40 (0.047/0.055)
7721-15NG
5.59/6.10 (0.220/0.240)
2.90/2.95 (0.114/0.116)
1.73/1.91 (0.068/0.075)
3.43/3.58 (0.135/0.140)
0.51/0.64 (0.020/0.025)
FEATURES
Note: This figure is common to
figures A and B
**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com