Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW38-2G Datasheet(PDF) 62 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW38-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW38-2G Datasheet(HTML) 62 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW38-2G Datasheet HTML 58Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 59Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 60Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 61Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 62Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 63Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 64Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 65Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 66Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 116 page
background image
62
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
5922
Plug in style heat sink
Plug in style heat sink requires no
hardware to attach to the device.
The four spring action clips apply
even pressure eliminating gaps
between the heat sink and device
which rob thermal performance.
24.89
(0.980)
50.04
(1.970)
49.53
(1.950)
11.94
(0.470)
12.70
(0.500)
5.08
(0.200)
1.27
(0.050)
1.90
(0.075)
1.02
(0.040)
0.81
(0.032)
26.54
(1.045)
25.40
(1.000)
Part Number
Description
592201B03400G
High power plug in heat sink with folded back fins
2.39 (0.094)
and solderable mounting tabs
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
2.0
0
20
40
60
80
100
04
8
12
16
20
1.6
1.2
0.4
0.8
0
0
400
200
600
800
1000
ORDERING INFORMATION
41.66
(1.640)
24.77
(0.975)
3.81
(0.150)
THRU
20.57
(0.810)
43.18
(1.700)
8.89
(0.350)
12.70
(0.500)
5.08
(0.200)
1.27
(0.050)
2.54
(0.100)
CL
6.22
(0.245)
0.81
(0.032)
1.02
(0.040)
ø
Part Number
Description
593101B03600G
Channel style heat sink with folded back fins
2.92 (0.115)
and solderable tabs
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
02
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
Channel style heat sink with
folded back fins for extra cooling
capacity. The heat sink features sol-
derable tabs for easy attachment
to the PC board.
5931
Channel style heat sink with folded back fins
7130
Copper slide on heat sink
Copper slide on heat sink
requires no hardware to
attach the device. In addition,
the copper heat sink is tin/lead
plated to allow easy soldering
to the PC board.
26.04
(1.025)
9.52
(0.375)
25.53
(1.005)
15.49
(0.610)
16.51
(0.650)
1.27
(0.050)
3.81
(0.150)
2.79
(0.110)
1.27
(0.050)
17.15
(0.675)
Top cut away
to show detail
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
01
2
3
4
5
8
6
2
4
0
0
400
200
600
800
1000
Part Number
Description
7130DG
Slide on, channel style heat sink with integrated tabs
2.54 (0.100)
ORDERING INFORMATION
Material: 1.27 (0.050) Thick Aluminum
Finish: Black Anodize
Material: 1.27 (0.050) Thick Aluminum
Finish: Black Anodize
Material: 0.63 (0.025) Thick Copper
Finish: Tin Plated
TO-218 Heat Sinks
Position
Code
Description
Details
A
1
Kon-DuxTM pad
Page 86
A
3
In-Sil-8TM pad
Page 86
POPULAR OPTIONS:
Base part no.
A
593101B 0 0000G
For additional options see page 82
For additional options see page 82
ORDERING INFORMATION
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Mounting
Kits
page 99
Dia of PCB
Plated Thru
Hole for Tabs
Dia of PCB
Plated Thru
Hole for Tabs
Dia of PCB
Plated Thru
Hole for Tabs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com