Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW38-2G Datasheet(PDF) 16 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW38-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW38-2G Datasheet(HTML) 16 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW38-2G Datasheet HTML 12Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 13Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 14Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 15Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 16Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 17Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 18Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 19Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 20Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 116 page
background image
16
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
Heat sinks for plastic BGA packages
IC Pkg. Size (mm) IC Pkg. Style
Part Number
“W” (mm)
“L” (mm)
“H” (mm)
θn2
θf 3
Finish
Tape code1
10 x 10
Plastic
375324B00035G
10.20
10.20
10.20
71.40
21.20
Black anodize
35
15 x 15
Plastic
375424B00034G
15.20
15.20
6.40
62.50
17.60
Black anodize
34
23 x 23
Plastic
374024B00035G
23.00
23.00
10.00
40.00
11.69
Black anodize
35
23 x 23
Plastic
374124B00035G
23.00
23.00
18.00
23.40
7.39
Black anodize
35
23 x 23
Plastic
374224B00035G
23.00
23.00
25.00
19.70
6.370
Black anodize
35
25 x 25
Plastic
335224B00034G
25.00
25.00
9.90
34.00
10.39
Black anodize
34
27 x 27
Plastic
374324B00035G
27.00
27.00
10.00
30.60
9.35
Black anodize
35
27 x 27
Plastic
374424B00035G
27.00
27.00
18.00
20.30
6.46
Black anodize
35
27 x 27
Plastic
374524B00035G
27.00
27.00
25.00
16.50
5.47
Black anodize
35
28 x 28
Plastic
373024B00034G
27.90
27.90
8.90
33.30
10.00
Black anodize
34
28 x 28
Plastic
2327B-CP50G
27.90
28.10
15.20
23.40
7.43
Black anodize
34
31 x 31
Plastic
335824B00034G
30.00
30.00
9.40
29.40
9.11
Black anodize
34
35 x 35
Plastic
371824B00034G
35.00
35.00
7.00
31.90
9.67
Black anodize
34
35 x 35
Plastic
374624B00035G
35.00
35.00
10.00
23.40
7.55
Black anodize
35
35 x 35
Plastic
374724B00035G
35.00
35.00
18.00
15.30
5.15
Black anodize
35
35 x 35
Plastic
374824B00035G
35.00
35.00
25.00
12.00
4.27
Black anodize
35
35 x 35
Plastic
372024B00034G
35.00
35.00
27.90
11.90
4.28
Black anodize
34
40 x 40
Plastic
374924B00035G
40.00
40.00
10.00
20.30
6.46
Black anodize
35
40 x 40
Plastic
364424B00034G
40.10
40.00
11.40
18.40
6.02
Black anodize
34
40 x 40
Plastic
375024B00035G
40.00
40.00
18.00
12.20
4.34
Black anodize
35
40 x 40
Plastic
375124B00035G
40.00
40.00
25.00
10.30
3.83
Black anodize
35
BGA–Tape Attachment
Pressure sensitive, thermally conductive adhesive tape
easily and reliably bonds a heat sink to an integrated
circuit package. Tapes provide high thermal conductiv-
ity and exceptional bonding properties. Adhesives are
formulated for plastic and metal/ceramic packages.
"L"
"H"
"W"
Material: Aluminum
ORDERING INFORMATION
1. For tape specifications see page 88
2. Natural convection thermal resistance based on a 75° C heat sink temperature rise.
3. Forced convection thermal resistance based on an entering 1.0 m/s (200LFM) airflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com