Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW38-2G Datasheet(PDF) 57 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW38-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW38-2G Datasheet(HTML) 57 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW38-2G Datasheet HTML 53Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 54Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 55Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 56Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 57Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 58Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 59Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 60Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 61Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 116 page
background image
57
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
TO-220 & TO-218 & TO-247 Heat Sinks
7.62
(0.300)
16.51
(0.650)
25.65
(1.01)
REF
6.60
(0.260)
2.39
(0.093)
3.96
(0.156)
17.02
(0.670)
41.91
(1.650)
25.40
(1.000)
25.40
(1.000)
"B"
"A"
3.18 (0.125)
X 0.64 (0.025)
HIGH DITTIN
2x
2x
ø
ø
A
A
3.17
(0.125)
VIEW A-A
SINGLE HEAT SINK DEVICE
17.02
(0.670)
41.91
(1.650)
25.40
(1.000)
VIEW A-A
DUAL HEAT SINK DEVICE
12.70
(0.500)
13.72
(0.540)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
5
0
20
40
60
80
100
0
4
8
12
16
20
4
3
1
2
0
0
400
200
600
800
1000
5334XX
5335XX
Extruded heat sink with large
radial fins and channel clip
attach feature makes device
attachment easy. Includes clip
and two solderable mounting
pins which permit vertical
mounting and eliminate stress
on device leads. Available in
four heights for TO-220, TO-218,
and TO-247 devices.
5334, 5335, 5336, 5337 Extruded heat sink with large radial fins
Material: Aluminum
Finish: Black Anodize
ORDERING INFORMATION
Part Number
Device
Description
“A” Dim
“B” Dim
533401B02552G
TO-218, TO-247
Extruded heat sink with radial fins and device clip #52
38.10 (1.500)
21.59 (0.850)
2.67 (0.105)
533402B02552G
TO-220
Extruded heat sink with radial fins and device clip #52
38.10 (1.500)
18.29 (0.720)
2.67 (0.105)
533421B02552G
Dual TO-218, TO-247
With 2 device clips #52
38.10 (1.500)
21.59 (0.850)
2.67 (0.105)
533422B02552G
Dual TO-220
With 2 device clips #52
38.10 (1.500)
18.29 (0.720)
2.67 (0.105)
533501B02552G
TO-218, TO-247
Extruded heat sink with radial fins and device clip #52
50.80 (2.000)
21.59 (0.850)
2.67 (0.105)
533502B02552G
TO-220
Extruded heat sink with radial fins and device clip #52
50.80 (2.000)
18.29 (0.720)
2.67 (0.105)
533521B02552G
Dual TO-218, TO-247
With 2 device clips #52
50.80 (2.000)
21.59 (0.850)
2.67 (0.105)
533522B02552G
Dual TO-220
With 2 device clips #52
50.80 (2.000)
18.29 (0.720)
2.67 (0.105)
533601B02552G
TO-218, TO-247
Extruded heat sink with radial fins and device clip #52
63.50 (2.500)
21.59 (0.850)
2.67 (0.105)
533602B02552G
TO-220
Extruded heat sink with radial fins and device clip #52
63.50 (2.500)
18.29 (0.720)
2.67 (0.105)
533621B02552G
Dual TO-218, TO-247
With 2 device clips #52
63.50 (2.500)
21.59 (0.850)
2.67 (0.105)
533622B02552G
Dual TO-220
With 2 device clips #52
63.50 (2.500)
18.29 (0.720)
2.67 (0.105)
533701B02552G
TO-218, TO-247
Extruded heat sink with radial fins and device clip #52
25.40 (1.000)
21.59 (0.850)
2.67 (0.105)
533702B02552G
TO-220
Extruded heat sink with radial fins and device clip #52
25.40 (1.000)
18.29 (0.720)
2.67 (0.105)
533721B02552G
Dual TO-218, TO-247
With 2 device clips #52
25.40 (1.000)
21.59 (0.850)
2.67 (0.105)
533722B02552G
Dual TO-220
With 2 device clips #52
25.40 (1.000)
18.29 (0.720)
2.67 (0.105)
Dia of PCB
Plated Thru
Hole for Pins
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
5
0
20
40
60
80
100
0
4
8
12
16
20
4
3
1
2
0
0
400
200
600
800
1000
5336XX
5337XX
For additional options see page 83
CLIP 52
Grease
Epoxy
&
page112
SEE NOTE 1
SEE NOTE 1
NOTE 1: Graph depicts single device models. Dual device models
exhibit a 15% performance increase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com