Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW38-2G Datasheet(PDF) 54 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW38-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW38-2G Datasheet(HTML) 54 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW38-2G Datasheet HTML 50Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 51Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 52Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 53Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 54Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 55Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 56Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 57Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 58Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 116 page
background image
54
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
TO-220 & TO-218 & TO-247 Heat Sinks
ORDERING INFORMATION
5301
High rise style heat sink features twisted fins and Wave-On
TM solderable mounts
High rise style heat sink features
twisted fins and Wave-On
TM solder-
able mounts for easy attachment
to the PC card. Models include thru
holes on one side to attach devices
using standard hardware and dittins
with special slots on the other for
easy device attachment using a con-
venient spring clip. Dual models use
two dittins and clips to locate and
attach devices.
Part Number
Description
Device
Figure
“A” Dim
530101B00100G Heat sink twisted fin
TO-218, TO-247
21.08 (0.830)
4.75 (0.187)
530101B00150G With device clip #50
TO-218, TO-247
A
21.08 (0.830)
4.75 (0.187)
530102B00100G Heat sink twisted fin
TO-220
18.29 (0.720)
4.75 (0.187)
530102B00150G With device clip #50
TO-220
A
18.29 (0.720)
4.75 (0.187)
530161B00162G With two device clips #62
Dual TO-218, TO-247
B
21.08 (0.830)
4.75 (0.187)
530162B00162G With two device clips #62
Dual TO-220
B
18.29 (0.720)
4.75 (0.187)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
5
0
20
40
60
80
100
0
4
8
12
16
20
4
3
1
2
0
0
400
200
600
800
1000
530161 or 530162
530101 or 530102
5308
High rise style heat sink features twisted fins and solderable tabs
High rise style heat sink features
twisted fins and solderable tabs
for easy attachment to the PC card.
Models include thru holes on one
side to attach devices using stan-
dard hardware and dittins with
special slots on the other for easy
device attachment using a conven-
ient spring clip. Dual models use
two dittins and clips to locate and
attach devices.
RECOMMENDED
HOLE PATTERN
43.13
(1.698)
2.95
(0.116)
THRU 2x
44.45
(1.750)
2.54
(0.100)
3.20
(0.126)
"A"
3.00
(0.118)
22.90
(0.900)
14.99
(0.590)
3.48
(0.137)
14.99
(0.590)
7.62
(0.300)
ø
10.16
(0.400)
45.72
(1.800)
46.74
(1.841)
ø
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
5
0
20
40
60
80
100
0
4
8
12
16
20
4
3
1
2
0
0
400
200
600
800
1000
530861 or 530862
530801 or 530802
Material: 1.60 (0.063) Thick Aluminum
Finish: Black Anodize
Material: 1.60 (0.063) Thick Aluminum
Finish: Black Anodize
ORDERING INFORMATION
Part Number
Description
Device
Figure
“A” Dim
530801B05100G
Heat sink twisted fin and solderable tabs
TO-218, TO-247
21.08 (0.830)
2.95 (0.116)
530801B05150G
With device clip #50
TO-218, TO-247
A
21.08 (0.830)
2.95 (0.116)
530802B05100G
Heat sink twisted fin and solderable tabs
TO-220
18.29 (0.720)
2.95 (0.116)
530802B05150G
With device clip #50
TO-220
A
18.29 (0.720)
2.95 (0.116)
530861B05162G
With two device clips #62
Dual TO-218, TO-247
B
21.08 (0.830)
2.95 (0.116)
530862B05162G
With two device clips #62
Dual TO-220
B
18.29 (0.720)
2.95 (0.116)
Dia of PCB
Plated Thru
Hole for Tabs
Dia of PCB
Plated Thru
Hole for Tabs
TYP
4.06
(0.160)
12.70
(0.500)
6.60
(0.260)
30.61
(1.205)
2.79
(0.110)
0.76
(0.030)
x
HIGH
ø
DITTIN
12.45
(0.490)
2.54
(0.100)
1.57
(0.062)
2.79
(0.110)
0.76
(0.030)
x
HIGH
Ø
DITTIN
12.45
(0.490)
2.54
(0.100)
1.57
(0.062)
2X
TYP
4.06
(0.160)
12.70
(0.500)
6.60
(0.260)
30.61
(1.205)
2.79
(0.110)
0.76
(0.030)
x
HIGH
ø
DITTIN
12.45
(0.490)
TYP
4.06
(0.160)
12.70
(0.500)
6.60
(0.260)
30.61
(1.205)
2.79
(0.110)
0.76
(0.030)
X
HIGH
ø
DITTIN
12.45
(0.490)
2X
TYP
4.06
(0.160)
12.70
(0.500)
6.60
(0.260)
30.61
(1.205)
FIGURE A
FIGURE B
FIGURE A
FIGURE B
CLIP 50
CLIP 50
CLIP 62
CLIP 62
BASE PART
44.45
(1.750)
2.54
(0.100)
3.20
(0.126)
THRU
"A"
3.00
(0.118)
4.24
(0.167)
14.99
(0.590)
3.48
(0.137)
14.99
(0.590)
7.50
(0.295)
ø
7.62
(0.300)
24.13
(0.950)
44.45
(1.750)
10.16
(0.400)
BASE PART
For additional options see page 82
For additional options see page 82
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Grease
Epoxy
&
page112
Mounting
Kits
page 99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com