Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW38-2G Datasheet(PDF) 50 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW38-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW38-2G Datasheet(HTML) 50 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW38-2G Datasheet HTML 46Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 47Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 48Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 49Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 50Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 51Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 52Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 53Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 54Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 116 page
background image
50
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
TO-220 Heat Sinks
10.92
(0.430)
14.22
(0.560)
2.41
(0.095)
7.92
(0.312)
3.18
(0.125)
1.52
(0.060)
12.32
(0.485)
6.15
(0.242)
3.18
(0.125)
9.91
(0.390)
15.88
(0.625)
11.10
(0.437)
18.29
(0.720)
34.93
(1.375)
3.18
(0.125)
12.70
(0.500)
2.36
(0.093)
25.40
(1.000)
3.96
(0.156)
"A"
HIGH DITTIN
0.63
(0.025)
x
ø
SLOT TYP 2
1.78
(0.070)
10.19
(0.401)
x
ø
ø
2.34
(0.092)
2x
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
02
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
534002
533902
533802
Extruded heat sink with radial fins
and channel clip attach feature
make device attachment easy.
Includes clip and two solderable
mounting pins which permit vertical
mounting and eliminate stress on
device leads. Available in three
heights for TO-220 devices.
5338, 5339, 5340
Extruded heat sink with radial fins
Material: Aluminum
Finish: Black Anodize
ORDERING INFORMATION
Part Number
“A” Dim
533802B02554G
25.40 (1.000)
2.67 (0.105)
533902B02554G
38.10 (1.500)
2.67 (0.105)
534002B02554G
50.80 (2.000)
2.67 (0.105)
Dia of PCB
Plated Thru
Hole for Pins
CLIP 54
19.05
(0.750)
25.40
(1.000)
2.54
(0.100)
11.68
(0.460)
41.91
(1.650)
2.36
(0.093)
THRU
3.66
(0.144)
20.96
(0.825)
3.96
(0.156)
"A"
25.40
(1.000)
12.70
(0.500)
ø
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
5
0
20
40
60
80
100
04
8
12
16
20
4
3
1
2
0
0
400
200
600
800
1000
532702
532802
532602
High power extruded heat sink
with large radial fins and
increased fin count for additional
cooling capacity. Solderable pins
allow vertical mounting without
stress on the device leads. Available
in three heights for TO-220 devices.
5326, 5327, 5328
High power extruded heat sink with large radial fins
Material: Aluminum
Finish: Black Anodize
ORDERING INFORMATION
Part Number
“A” Dim
532602B02500G
38.10 (1.500)
2.67 (0.105)
532702B02500G
50.80 (2.000)
2.67 (0.105)
532802B02500G
63.50 (2.500)
2.67 (0.105)
Dia of PCB
Plated Thru
Hole for Pins
For additional options see page 83
2.00
(0.079)
2.15
(0.085)
15.00
(0.591)
20.00
(0.787)
3.15
(0.124)
THRU
6.00
(0.236)
10.30
(0.406)
25.00
(0.984)
19.50
(0.768)
7.49
(0.295)
ø
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
20
0
20
40
60
80
100
02
4
6
8
10
16
12
4
8
0
0
400
200
600
800
1000
Extruded channel style heat sink
features serrated fins for increased
cooling capacity. The base of the heat
sink is notched to clear the device
leads when mounted horizontally on
the printed circuit card. Narrow chan-
nel accommodates a TO-220 device.
ML26AA
Extruded channel style heat sink featuring serrated fins
Material: Aluminum
Finish: Black Anodize
ORDERING INFORMATION
Part Number
Description
ML26AAG
Extruded channel style heat sink
For additional options see page 83
Grease
Epoxy
&
page112
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Grease
Epoxy
&
page112
Mounting
Kits
page 99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com