Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW38-2G Datasheet(PDF) 30 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW38-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW38-2G Datasheet(HTML) 30 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW38-2G Datasheet HTML 26Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 27Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 28Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 29Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 30Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 31Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 32Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 33Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 34Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 116 page
background image
30
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
ORDERING INFORMATION
6021, 6221
Channel style heat sink with straight fins
Channel style heat sink with
straight fins features integrated
solderable tabs for easy mounting
to the printed circuit card. Available
with a single device mounting hole
or slotted hole to accomodate
varying device lead lengths.
1.02
(0.040)
25.40
(1.000)
29.97
(1.180)
0.80
(0.032)
24.38
(0.960)
17.78
(0.700)
12.70
(0.500)
3.81
(0.150)
ø 3.38
(0.133)
"A"
"B"
"X"
Part Number
Description
Finish
Figure
“A” Dim
“B” Dim
6021BG
Channel heat sink with straight fins and integrated tabs
Black anodize
A
2.21 (0.087)
10.16 (0.400)
1.78 (0.070)
6021PBG
Channel heat sink with straight fins and integrated tabs
Pre-black anodize*
A
2.21 (0.087)
10.16 (0.400)
1.78 (0.070)
6221PBG
With slotted device mounting hole
Pre-black anodize*
B
3.18 (0.125)
6.99 (0.275)
2.54 (0.100)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
02
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
29.97
(1.180)
17.78
(0.700)
25.40
(1.000)
12.70
(0.500)
2.54
(0.100)
6.98
(0.275)
3.81
(0.150)
9.53
(0.375)
3.81
(0.150)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
02
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
Copper channel style heat sink
with straight fins features integrated
tabs which can be twisted to attach
the heat sink to the board prior to
wave solder.
6230
Copper channel style heat sink with straight fins
Material: 1.02 (0.040) Thick Aluminum
Finish: See Table
Material: 0.63 (0.025) Thick Copper
Finish: Tin Plated
ORDERING INFORMATION
Part Number
Description
6230DG
Channel heat sink with straight fins and integrated tabs
3.00 (0.118)
Dia of PCB
Plated Thru
Hole for Tabs
TO-220 Heat Sinks
Position
Code
Description
Location
Details
A
B
Black anodize
A
PB
Pre-black anodize*
B
SF1
4-40 UNC-2A device mounting stud
Hole X
Page 96
POPULAR OPTIONS:
* Edges cut during the manufacturing process will be unfinished.
See page 110 for more information
Dia of PCB
Plated Thru
Hole for Tabs
Base part no.
A
6021-
-
G
Available on the 6021 only
For additional options for part 6021 see page 85
25.40
(1.000)
3.81
(0.150)
9.52
(0.375)
29.97
(1.180)
17.78
(0.700)
3.80
(0.150)
24.59
(0.968)
1.02
(0.040)
0.80
(0.032)
12.70
(0.500)
WIDE X
LONG SLOT
"A"
"B"
FIGURE A
FIGURE B
B
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Grease
Epoxy
&
page112
Mounting
Kits
page 99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com