Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW38-2G Datasheet(PDF) 18 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW38-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW38-2G Datasheet(HTML) 18 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW38-2G Datasheet HTML 14Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 15Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 16Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 17Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 18Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 19Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 20Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 21Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 22Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 116 page
background image
18
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
ORDERING INFORMATION
Clip attachment
Aavid's BGS Clip heat sinks provide a mechanical
attachment alternative to tape applications
where it is desirable to attach the heat sink
directly to the device. The unique clip uses
spring pressure to ensure even contact across
the device while the end plates firmly engage
the edge of the package, locking the heat sink
in place. Each heat sink uses pre-applied thermal
grease for optimum thermal performance.
IC Pkg. Size (mm)
Part Number
“W” (mm)
“L” (mm)
“H” (mm)
IC Pkg. Style
θn1
θf 2
Interface
Clip
27 x 27
2317B-EP11-BGS1G
26.14
20.47
15.24
All
32.60
9.94
EP11
BGS1
35 x 35
2518B-EP11-BGS2G
30.50
28.10
15.60
All
22.70
7.05
EP11
BGS2
42.5 x 42.5
2519B-EP11-BGS5G
34.50
31.40
15.60
All
19.70
6.30
EP11
BGS5
42.5 x 42.5
2520B-EP04-BGS5G
38.10
38.00
15.60
All
15.60
5.17
EP04
BGS5
42.5 x 42.5
2522B-EP04-BGS5G
38.10
38.00
10.16
All
22.10
6.94
EP04
BGS5
BGA–Clip Attachment
"H"
"W"
"L"
Material
Description
Adhesive
Thermal Resistance
Color
Carrier
“D” Dim
“E” Dim
EP11
ThermalcoteTM grease with release liner
None
0.18
White
None
13.34 (0.525)
13.34 (0.525)
EP04
ThermalcoteTM grease with release liner
None
0.03
White
None
31.75 (1.250)
31.75 (1.250)
TAPE TYPE AND INTERFACE MATERIAL INFORMATION
For more information on ThermalcoteTM see page 113.
Material: Aluminum
Finish: Black Anodize
"D"
"E"
THERMALCOTE
TM
GREASE
PULL TAB
1. Natural convection thermal resistance based on a 75° C heat sink temperature rise.
2. Forced convection thermal resistance based on an entering 1.0 m/s (200LFM) airflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com