Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW38-2G Datasheet(PDF) 99 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW38-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW38-2G Datasheet(HTML) 99 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW38-2G Datasheet HTML 95Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 96Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 97Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 98Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 99Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 100Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 101Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 102Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 103Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 116 page
background image
99
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886 (2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
Mounting Kits
5
2
1
3
6
4
TRANSISTOR
NOT INCLUDED
5
1
2
3
7
6
4
TRANSISTOR
NOT INCLUDED
• Pre-packaged in heat-sealed plastic bags for use on assembly line.
• Stock mounting hardware using one number
for better control and identification.
• Three different insulating materials available:
Low cost Thermalfilm
TM
High temperature Mica
High performance Thermalsil
TM lll
• Other insulator materials available for special order include:
hard anodized aluminum and aluminum oxide.
• Individually packaged for convenient stocking and handling
of mounting hardware. Kits contain all hardware necessary to
electrically isolate the transistor from the heat sink.
Note: Smooth side of flat washer should be placed against insulator when using the kit.
TO-220 Mounting kit part number 4880
Part number
Item
Qty
Description
1
1
Insulator
43-77-9
ThermalfilmTM (see page 101)
(56-77-9)
Mica (see page 103)
(53-77-9)
ThermalsilTM III (see page 103)
7721-7PPS
2
1
Shoulder washer
MS15795-804
3
1
Flat washer #4
No. 4-40 UNC-2B
MS35649-244
4
1
Hex nut
No. 4-40 UNC-2A X
MS51957-17
5
1
1/2 Long phillips pan head screw
MS35338-135
6
1
Lock washer, No. 4
TO-3 Mounting kit part number 4804
Part number
Item
Qty
Description
1
1
Insulator
43-03-2
ThermalfilmTM (see page 101)
(56-03-2)
Mica (see page 103)
(53-03-2)
ThermalsilTM III (see page 103)
7721-5PPS
2
2
Shoulder washer
MS15795-805
3
2
Flat washer #6
MS35649-264
4
2
No. 6-32 UNC-2B
Hex nut
MS 51957-30
5
2
No. 6-32 UNC-2A X
1/2 Long phillips pan head screw
MS35338-136
6
2
Lock washer, No. 6
322-156
7
1
Solder lug
FEATURES
ORDERING INFORMATION
Note: Smooth side of flat washer should be placed against insulator when using the kit.
ORDERING INFORMATION
Mounting Kits
Part number
Description
4880G
Kit with ThermalfilmTM
4880MG
Kit with Mica Insulator
4880SG
Kit with ThermalsilTM III
EACH KIT INCLUDES:
Part number
Description
4804G
Kit with ThermalfilmTM
4804MG
Kit with Mica Insulator
4804SG
Kit with ThermalsilTM III
EACH KIT INCLUDES:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com