Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW38-2G Datasheet(PDF) 56 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW38-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW38-2G Datasheet(HTML) 56 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW38-2G Datasheet HTML 52Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 53Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 54Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 55Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 56Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 57Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 58Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 59Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 60Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 116 page
background image
56
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
5297, 5298, 5299, 5300
Extruded heat sink with large radial fins
Extruded heat sink with large radial
fins features equal channel widths on
both sides for single or dual device
mounting. Includes two solderable
mounting pins which permit vertical
mounting and eliminate stress on
device leads. Available in four heights
for TO-220, TO-218, and TO-247 devices.
3.18
(0.125)
14.22
(0.560)
13.72
(0.540)
25.40
(1.000)
"C"
"A"
"B"
20.96
(0.825)
41.91
(1.650)
17.02
(0.670)
1.57
(0.062)
3.96
(0.156)
25.40
(1.000)
2.36
(0.093)
2x
2x
ø
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
5
0
20
40
60
80
100
0
4
8
12
16
20
4
3
1
2
0
0
400
200
600
800
1000
52980X
52970X
Material: Aluminum
Finish: Black Anodize
ORDERING INFORMATION
Part Number
Device
“A” Dim
“B” Dim
“C” Dim
529701B02500G
TO-218, TO-247
25.40 (1.000)
21.59 (0.850)
3.66 (0.144)
2.67 (0.105)
529702B02500G
TO-220
25.40 (1.000)
18.29 (0.720)
3.17 (0.125)
2.67 (0.105)
529801B02500G
TO-218, TO-247
38.10 (1.500)
21.59 (0.850)
3.66 (0.144)
2.67 (0.105)
529802B02500G
TO-220
38.10 (1.500)
18.29 (0.720)
3.17 (0.125)
2.67 (0.105)
529901B02500G
TO-218, TO-247
50.80 (2.000)
21.59 (0.850)
3.66 (0.144)
2.67 (0.105)
529902B02500G
TO-220
50.80 (2.000)
18.29 (0.720)
3.17 (0.125)
2.67 (0.105)
530001B02500G
TO-218, TO-247
63.50 (2.500)
21.59 (0.850)
3.66 (0.144)
2.67 (0.105)
530002B02500G
TO-220
63.50 (2.500)
18.29 (0.720)
3.17 (0.125)
2.67 (0.105)
Dia of PCB
Plated Thru
Hole for Pins
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
5
0
20
40
60
80
100
0
4
8
12
16
20
4
3
1
2
0
0
400
200
600
800
1000
53000X
52990X
For additional options see page 83
TO-220 & TO-218 & TO-247 Heat Sinks
SW25, SW38, SW50, SW63
Extruded heat sink with unequal channel widths
Extruded heat sink with unequal
channel widths front and back
can accommodate a TO-220, TO-218,
or TO-247 devices. Includes two solder-
able mounting pins which permit verti-
cal mounting and eliminate stress on
device leads. Available in three heights.
Version without hole uses clip 5901
(sold separately) to attach device.
See page 97 for clip information.
25.00
(0.984) 19.90
(0.783)
15.00
(0.591)
4.00
(0.157)
2.50
(0.098)
25.40
(1.000)
3.20
(0.126)
"A"
SEE NOTE 1
TYP
ø
34.50
(1.358)
12.50
(0.492)
6.25
(0.246)
2.00
(0.079)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
02
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
SW38
SW25
Material: Aluminum
Finish: Black Anodize
ORDERING INFORMATION
Part Number
Description
“A” Dim
Holes
SW25-2G
Extruded heat sink with unequal channel widths front and back
25.00 (0.984)
No
3.00 (0.118)
SW25-4G
With device mounting holes
25.00 (0.984)
Yes
3.00 (0.118)
SW38-2G
Extruded heat sink with unequal channel widths front and back
38.00 (1.496)
No
3.00 (0.118)
SW38-4G
With device mounting holes
38.00 (1.496)
Yes
3.00 (0.118)
SW50-2G
Extruded heat sink with unequal channel widths front and back
50.00 (1.968)
No
3.00 (0.118)
SW50-4G
With device mounting holes
50.00 (1.968)
Yes
3.00 (0.118)
SW63-2G
Extruded heat sink with unequal channel widths front and back
63.00 (2.480)
No
3.00 (0.118)
SW63-4G
With device mounting holes
63.00 (2.480)
Yes
3.00 (0.118)
Dia of PCB
Plated Thru
Hole for Pins
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
02
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
SW63
SW50
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Grease
Epoxy
&
page112
Mounting
Kits
page 99
NOTE 1: This hole not present in SW25 model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com