Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW38-2G Datasheet(PDF) 21 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW38-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW38-2G Datasheet(HTML) 21 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW38-2G Datasheet HTML 17Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 18Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 19Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 20Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 21Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 22Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 23Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 24Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 25Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 116 page
background image
21
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
ORDERING INFORMATION
5803
Slide on heat sink with staggered fins
Slide on heat sink with staggered fins
attaches to 18 pin DIP packages quickly
and easily. The heat sink features double
spring action and locking catch to firmly
attach the device creating a thermal
conduction path on both the top and
bottom surfaces.
28.58
(1.125)
17.78
(0.700)
5.33
(0.210)
6.35
(0.250)
14.12
(0.556)
23.62
(0.930)
LOCKING CATCH
Part Number
Description
580300B00000G
Slide on heat sink with staggered fins
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
20
0
20
40
60
80
100
0
0.4
0.8
1.2
1.6
2.0
16
12
4
8
0
0
400
200
600
800
1000
Material: 0.63 (0.025) Thick Aluminum
Finish: Black Anodize
DIPS
5806
Slide on heat sink with staggered fins
Slide on heat sink with staggered fins
attaches to 28 pin DIP packages quickly
and easily. The heat sink features double
spring action and locking catch to firmly
attach the device creating a thermal
conduction path on both the top and
bottom surfaces.
42.67
(1.680)
37.47
(1.475)
25.40
(1.000)
14.86
(0.585)
12.70
(0.500)
13.72
(0.540)
LOCKING
CATCH
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
0
0.4
0.8
1.2
1.6
2.0
8
6
2
4
0
0
400
200
600
800
1000
ORDERING INFORMATION
Part Number
Description
580600B00000G
Slide on heat sink with staggered fins
Material: 0.81 (0.032) Thick Aluminum
Finish: Black Anodize



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com