Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW38-2G Datasheet(PDF) 96 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW38-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW38-2G Datasheet(HTML) 96 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW38-2G Datasheet HTML 92Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 93Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 94Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 95Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 96Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 97Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 98Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 99Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 100Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 116 page
background image
96
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886 (2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
Solderable Studs
Studs
Threaded solderable studs are permanently swaged in place
for quick pre-assembly with the transistor. The device is
placed over the stud (s) followed by the lock washer and
nut. This entire component is then dropped into plated-thru
holes in the printed circuit board for wave soldering. The
end of the stud is tin-plated for excellent solderability and
extends only 0.040" below a 0.062" PC board to clear lead
trimming saws.
Device mounting studs for "Thermalloy-origin"
items are available as options on certain vertical
and board mount heat sinks as a labor-saving aid
for mounting semiconductors. This optional feature
speeds production assembly time and reduces
hardware requirements.
Device Mounting Studs
Suffix
Ordering code
Dia of PCB thru hole
“A” Dim
“B” Dim
“C” Dim
Figure
SE-1
08
3.68 (0.145)
8.89 (0.350)
6-32
1.13-1.26 (0.045-0.050)
A
SE-2
06
3.68 (0.145)
12.32 (0.485)
6-32
1.14-1.27 (0.045-0.050)
A
SE-3
09
3.68 (0.145)
8.89 (0.350)
4-40
1.14-1.26 (0.045-0.050)
A
SE-4
14
3.68 (0.145)
8.89 (0.350)
6-32
3.05 (0.120)
B
SM-1
17
3.68 (0.145)
8.89 (0.350)
M3 x 0.5
3.05 (0.120)
B
SM-3
07
3.68 (0.145)
8.89 (0.350)
M3 x 0.5
1.13-1.26 (0.045-0.050)
A
Suffix
Ordering code
“A” Dim
“B” Dim
“C” Dim
“D” Dim
SF1
11
7.92 (0.312)
4-40 UNC-2A
0.25 (0.010)
4.75 (0.187)
SF2
N/A
8.00 (0.315)
M3 x 0.5
0.25 (0.010)
4.60 (0.181)
SF3
N/A
7.92 (0.312)
6-32 UNC-2A
0.25 (0.010)
5.23 (0.206)
"B"
"D"
"A"
"C"
CL
Device
Mounting
Stud
Mechanical drawing showing heat sink with device mounting studs
PC BOARD
"C"
"C"
HEAT
SINK
PC BOARD
HEAT
SINK
5.49
(0.216)
ø
"A"
"B"
"C"
501303B000 _ _ G
Ordering code
7022B–
G
B
529801B000 _ _G
Ordering code
7019B–
G
B
ORDERING INFORMATION
example 12 digit part
example
Thermalloy origin part
ORDERING INFORMATION
example 12 digit part
example
Thermalloy origin part
A
A = Model number
B = Stud suffix
C = RoHS compliant
A
A = Model number
B = Stud suffix
C = RoHS compliant
FIGURE B
FIGURE A
Typical installation
Note: Factory installed only
Note: Factory installed only
C
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com