Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW38-2G Datasheet(PDF) 55 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW38-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW38-2G Datasheet(HTML) 55 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW38-2G Datasheet HTML 51Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 52Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 53Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 54Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 55Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 56Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 57Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 58Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 59Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 116 page
background image
55
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
TO-220 & TO-218 & TO-247 Heat Sinks
5330, 5331, 5332, 5333 Extruded heat sink with radial fins
Extruded heat sink with radial
fins and clip attach feature
makes device attachment easy.
Includes two solderable mounting
pins which permit vertical mount-
ing and eliminate stress on device
leads. Available in four heights for
TO-220, TO-218 and TO-247 devices.
39.10
(1.540)
6.60
(0.260)
13.50
(0.530)
25.40
(1.000)
2x
2.36
(0.093)
2x
3.96
(0.156)
3.18
(0.125)
0.64
(0.025)
"A"
"B"
NOTCH
FOR CLIP 2x
34.92
(1.375)
12.70
(0.500)
DITTIN
HIGH
ø
X
"C"
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
02
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
53310X
53300X
Material: Aluminum
Finish: Black Anodize
ORDERING INFORMATION
Part Number
Device
“A” Dim
“B” Dim
“C” Dim
533001B02551G
TO-218, TO-247
25.40 (1.000)
21.59 (0.850)
17.02 (0.670)
2.67 (0.105)
533002B02551G
TO-220
25.40 (1.000)
18.29 (0.720)
15.88 (0.625)
2.67 (0.105)
533101B02551G
TO-218, TO-247
38.10 (1.500)
21.59 (0.850)
17.02 (0.670)
2.67 (0.105)
533102B02551G
TO-220
38.10 (1.500)
18.29 (0.720)
15.88 (0.625)
2.67 (0.105)
533201B02551G
TO-218, TO-247
50.80 (2.000)
21.59 (0.850)
17.02 (0.670)
2.67 (0.105)
533202B02551G
TO-220
50.80 (2.000)
18.29 (0.720)
15.88 (0.625)
2.67 (0.105)
533301B02551G
TO-218, TO-247
63.50 (2.500)
21.59 (0.850)
17.02 (0.670)
2.67 (0.105)
533302B02551G
TO-220
63.50 (2.500)
18.29 (0.720)
15.88 (0.625)
2.67 (0.105)
Dia of PCB
Plated Thru
Hole for Pins
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
10
0
20
40
60
80
100
02
4
6
8
10
8
6
2
4
0
0
400
200
600
800
1000
53330X
53320X
For additional options see page 83
CLIP 51
5304
High rise style heat sink features staggered fins and Wave-On
TM solderable mounts
High rise style heat sink features
staggered fins and Wave-On
TM
solderable mounts for easy attach-
ment to the PC card. Models include
thru holes on one side to attach
devices using standard hardware
and dittins with special slots on the
other for easy device attachment
using a convenient spring clip.
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
5
0
20
40
60
80
100
0
4
8
12
16
20
4
3
1
2
0
0
400
200
600
800
1000
Part Number
Description
Device
“A” Dim
530401B00100G
High rise style heat sink staggered fins
TO-218, TO-247
21.08 (0.830)
4.75 (0.187)
530401B00150G
With device clip #50
TO-218, TO-247
21.08 (0.830)
4.75 (0.187)
530402B00100G
High rise style heat sink staggered fins
TO-220
18.29 (0.720)
4.75 (0.187)
530402B00150G
With device clip #50
TO-220
18.29 (0.720)
4.75 (0.187)
ORDERING INFORMATION
24.13
(0.950)
44.45
(1.750)
ø3.20
(0.126)
THRU
7.49
(0.295)
"A"
2.54
(0.100)
12.45
(0.490)
19.05
(0.750)
2.79
(0.110)
0.76
(0.030)
44.45
(1.750)
x
HIGH
ø
7.62
(0.300)
10.16
(0.400)
3.00
(0.118)
4.24
(0.167)
14.99
(0.590)
3.48
(0.137)
14.99
(0.590)
1.57
(0.060)
2.54
(0.100)
DITTIN
TYP
4.06
(0.160)
12.70
(0.500)
6.60
(0.260)
30.61
(1.205)
Material: 1.60 (0.063) Thick Aluminum
Finish: Black Anodize
Dia of PCB
Plated Thru
Hole for Tabs
CLIP 50
For additional options see page 82
Grease
Epoxy
&
page112
Grease
Epoxy
&
page112
Mounting
Kits
page 99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com