Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW38-2G Datasheet(PDF) 60 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW38-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW38-2G Datasheet(HTML) 60 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW38-2G Datasheet HTML 56Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 57Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 58Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 59Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 60Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 61Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 62Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 63Page - Aavid, Thermal Division of Boyd Corporation SW38-2G Datasheet HTML 64Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 116 page
background image
60
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
6396, 6398, 6399, 6400
High power extruded heat sink with large radial fins
High power extruded heat sink
with large radial fins and solder-
able shoulder pins allows vertical
mounting without stress on the
device leads. Available with shoul-
der pins to provide fixed clearance
between the bottom of the heat
sink and the board. Available in
four heights for TO-220, TO-218,
TO-247and multiwatt devices.
1.57
(0.062)
25.40
(1.000)
41.91
(1.650)
19.05
(0.750)
2.41
(0.095)
1.27
(0.050)
2.46
(0.097)
5.49
(0.216)
"A"
3.81
(0.150)
REF
REF
25.40
(1.000)
0.78
(0.031)
ø
SEE DETAIL A
P2 MODEL ONLY
DETAIL A
P2 MODEL ONLY
3.96
(0.156)
2.21
(0.087)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
5
0
20
40
60
80
100
04
8
12
16
20
4
3
1
2
0
0
400
200
600
800
1000
6398
6396
Material: Aluminum
Finish: Black Anodize
ORDERING INFORMATION
Part Number
Description
“A” Dim
6396BG
Extruded heat sink with large radial fins and straight pins
25.40 (1.000)
2.89 (0.114)
6396B-P2G
With solderable shoulder pins
25.40 (1.000)
3.10 (0.122)
6398BG
Extruded heat sink with large radial fins and straight pins
38.10 (1.500)
2.89 (0.114)
6398B-P2G
With solderable shoulder pins
38.10 (1.500)
3.10 (0.122)
6399BG
Extruded heat sink with large radial fins and straight pins
50.80 (2.000)
2.89 (0.114)
6399B-P2G
With solderable shoulder pins
50.80 (2.000)
3.10 (0.122)
6400BG
Extruded heat sink with large radial fins and straight pins
63.50 (2.500)
2.89 (0.114)
6400B-P2G
With solderable shoulder pins
63.50 (2.500)
3.10 (0.122)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
5
0
20
40
60
80
100
04
8
12
16
20
4
3
1
2
0
0
400
200
600
800
1000
6400
6399
Dia of PCB
Plated Thru
Hole for Pins
6380, 6381, 6382
High power extruded heat sink
High power extruded heat sink
for SIP packages. Solderable pins
allow vertical mounting without
stress on the device leads. Available
in three heights. Can also be used
for dual TO-220, TO-218, TO-247
and multiwatt devices.
18.29
(0.720)
3.96
(0.156)
19.86
(0.782)
9.93
(0.391)
3.81
(0.150)
33.05
(1.301)
31.74
(1.250)
25.40
(1.000)
28.70
(1.130)
41.91
(1.650)
2.64
(0.104)
11.91
(0.469)
1.58
(0.062)
ø
"A"
2.21
(0.087)
Air Velocity—Feet Per Minute
Heat Dissipated—Watts
5
0
20
40
60
80
100
0
4
8
12
16
20
4
3
1
2
0
0
400
200
600
800
1000
6381
6382
6380
Material: Aluminum
Finish: Black Anodize
ORDERING INFORMATION
Part Number
Description
“A” Dim
6380BG
Extruded heat sink with solderable pins
25.40 (1.000)
2.89 (0.114)
6381BG
Extruded heat sink with solderable pins
38.10 (1.500)
2.89 (0.114)
6382BG
Extruded heat sink with solderable pins
50.80 (2.000)
2.89 (0.114)
Dia of PCB
Plated Thru
Hole for Pins
TO-220 & TO-218 & TO-247 & Multiwatt Heat Sinks
For additional options see page 85
For additional options see page 85
Grease
Epoxy
&
page112
Mounting
Kits
page 99
Grease
Epoxy
&
page112
Mounting
Kits
page 99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com